Electronic Components Datasheet Search
  English  ▼

X  

LM3405 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3405
Description  Constant Current Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3405 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3405 Datasheet HTML 8Page - Texas Instruments LM3405 Datasheet HTML 9Page - Texas Instruments LM3405 Datasheet HTML 10Page - Texas Instruments LM3405 Datasheet HTML 11Page - Texas Instruments LM3405 Datasheet HTML 12Page - Texas Instruments LM3405 Datasheet HTML 13Page - Texas Instruments LM3405 Datasheet HTML 14Page - Texas Instruments LM3405 Datasheet HTML 15Page - Texas Instruments LM3405 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
LM3405
SNVS429B – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
Figure 23. Startup Response to EN/DIM with IF = 1A
Figure 24. Average LED Current versus Duty Cycle of PWM Dimming Signal at EN/DIM Pin
UNDER-VOLTAGE LOCKOUT
Under-voltage lockout (UVLO) prevents the LM3405 from operating until the input voltage exceeds 2.74V
(typical). The UVLO threshold has approximately 440mV of hysteresis, so the part will operate until VIN drops
below 2.3V (typical). Hysteresis prevents the part from turning off during power up if VIN is non-monotonic.
CURRENT LIMIT
The LM3405 uses cycle-by-cycle current limit to protect the internal power switch. During each switching cycle, a
current limit comparator detects if the power switch current exceeds 2.0A (typical), and turns off the switch until
the next switching cycle begins.
OVER-CURRENT PROTECTION
The LM3405 has a built in over-current comparator that compares the FB pin voltage to a threshold voltage that
is 60% higher than the internal reference VREF. Once the FB pin voltage exceeds this threshold level (typically
328mV), the internal NMOS power switch is turned off, which allows the feedback voltage to decrease towards
regulation. This threshold provides an upper limit for the LED current. LED current overshoot is limited to
328mV/R1 by this comparator during transients.
THERMAL SHUTDOWN
Thermal shutdown limits total power dissipation by turning off the internal power switch when the IC junction
temperature exceeds 165°C. After thermal shutdown occurs, the power switch does not turn on until the junction
temperature drops below approximately 150°C.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com