Electronic Components Datasheet Search
  English  ▼

X  

LM317LILPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM317LILPR
Description  3-Terminal Adjustable Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LILPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM317LILPR Datasheet HTML 2Page - Texas Instruments LM317LILPR Datasheet HTML 3Page - Texas Instruments LM317LILPR Datasheet HTML 4Page - Texas Instruments LM317LILPR Datasheet HTML 5Page - Texas Instruments LM317LILPR Datasheet HTML 6Page - Texas Instruments LM317LILPR Datasheet HTML 7Page - Texas Instruments LM317LILPR Datasheet HTML 8Page - Texas Instruments LM317LILPR Datasheet HTML 9Page - Texas Instruments LM317LILPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
+
Over Temp &
Over Current
Protection
Input
Adj.
Output
1.25V
Iadj
LM317L
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The LM317L device is a 100-mA linear regulator with high voltage tolerance up to 35 V. The device has a
feedback voltage that is relative to the output instead of ground. This ungrounded design allows the LM317L
device to have superior line and load regulation. This design also allows the LM317L device to be used as a
current source or current sink using a single resistor. Any output voltage from 1.25 to 32 V can be obtained by
using two resistors. The bias current of the device, up to 2.5 mA, flows to the output; this current must be used
by the load or the feedback resistors. The power dissipation is the product of pass-element voltage and current,
which is calculated as shown in Equation 1.
PD = (VIN – VOUT) × IOUT
(1)
The application heat sink must be able to absorb the power calculated in Equation 1.
In addition to higher performance than fixed regulators, this regulator offers full overload protection, available
only in integrated circuits. Included on the chip are current-limiting and thermal-overload protection. All overload-
protection circuitry remains fully functional even when ADJUSTMENT is disconnected. Normally, no capacitors
are needed unless the device is situated far from the input filter capacitors, in which case an input bypass is
needed. An optional output capacitor can be added to improve transient response. ADJUSTMENT can be
bypassed to achieve very high ripple rejection, which is difficult to achieve with standard three-terminal
regulators.
In addition to replacing fixed regulators, the LM317L regulator is useful in a wide variety of other applications.
Since the regulator is floating and sees only the input-to-output differential voltage, supplies of several hundred
volts can be regulated as long as the maximum input-to-output differential is not exceeded. Its primary
application is that of a programmable output regulator, but by connecting a fixed resistor between ADJUSTMENT
and OUTPUT, this device can be used as a precision current regulator. Supplies with electronic shutdown can be
achieved by clamping ADJUSTMENT to ground, programming the output to 1.25 V, where most loads draw little
current.
The LM317LC device is characterized for operation over the virtual junction temperature range of 0°C to 125°C.
The LM317LI device is characterized for operation over the virtual junction temperature range of –40°C to 125°C.
8.2 Functional Block Diagram
6
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM317L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com