Electronic Components Datasheet Search
  English  ▼

X  

LM317LILPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM317LILPR
Description  3-Terminal Adjustable Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LILPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM317LILPR Datasheet HTML 5Page - Texas Instruments LM317LILPR Datasheet HTML 6Page - Texas Instruments LM317LILPR Datasheet HTML 7Page - Texas Instruments LM317LILPR Datasheet HTML 8Page - Texas Instruments LM317LILPR Datasheet HTML 9Page - Texas Instruments LM317LILPR Datasheet HTML 10Page - Texas Instruments LM317LILPR Datasheet HTML 11Page - Texas Instruments LM317LILPR Datasheet HTML 12Page - Texas Instruments LM317LILPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
VI VO (V)
0
6.25
12.5
18.75
25
31.25
37.5
42.5
1.2
1.22
1.24
1.26
1.28
1.3
D001
40GC
0GC
25GC
125GC
2
OUT
REF
ADJ
2
1
R
V
V
1
(I
R )
R
æ
ö
=
´
+
+
´
ç
÷
è
ø
LM317L
www.ti.com
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
9.2.2.4 Adjustment Terminal Capacitor
The optional adjustment pin capacitor will improve ripple rejection by preventing the amplification of the ripple.
When capacitor is used and VOUT > 6 V, a protection diode from adjust to output is recommended.
9.2.2.5 Design Options and Parameters
Common Linear Regulator designs are concerned with the following parameters:
•
Input voltage range
•
Input capacitor range
•
Output voltage
•
Output current rating
•
Output capacitor range
•
Input short protection
•
Stability
•
Ripple rejection
9.2.2.6 Output Voltage
VO is calculated as shown in Equation 3.
(3)
Because IADJ typically is 50 µA, it is negligible in most applications.
9.2.2.7 Ripple Rejection
CADJ is used to improve ripple rejection; it prevents amplification of the ripple as the output voltage is adjusted
higher. If CADJ is used, it is best to include protection diodes.
9.2.2.8 Input Short Protection
If the input is shorted to ground during a fault condition, protection diodes provide measures to prevent the
possibility of external capacitors discharging through low-impedance paths in the IC. By providing low-impedance
discharge paths for CO and CADJ, respectively, D1 and D2 prevent the capacitors from discharging into the output
of the regulator.
9.2.3 Application Curves
Figure 2. Adjustment Voltage Relative to Output Over Temperature
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM317L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com