Electronic Components Datasheet Search
  English  ▼

X  

LM317LILPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM317LILPR
Description  3-Terminal Adjustable Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LILPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM317LILPR Datasheet HTML 6Page - Texas Instruments LM317LILPR Datasheet HTML 7Page - Texas Instruments LM317LILPR Datasheet HTML 8Page - Texas Instruments LM317LILPR Datasheet HTML 9Page - Texas Instruments LM317LILPR Datasheet HTML 10Page - Texas Instruments LM317LILPR Datasheet HTML 11Page - Texas Instruments LM317LILPR Datasheet HTML 12Page - Texas Instruments LM317LILPR Datasheet HTML 13Page - Texas Instruments LM317LILPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
VI
R1
Adjustment
Output
Input
LM317L
I
limit
1.25
R1
=
VO
R2 = 3 kW
1N4002
R3 =
820 W
−10 V
C1 = 0.1 µF
35 V
Adjustment
Output
Input
LM317L
R1 = 120 W
2
3
OUT
REF
1
R
R
V
V
1
10 V
R
æ
ö
+
=
+
-
ç
÷
è
ø
R1 =
470 W
D1†
1N4002
C3 = 1 µF
C2 = 10 µF
R2 =
10 kW
VI
+
+
−
−
Adjustment
Output
Input
LM317L
VO
C1 =
0.1 µF
LM317L
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
www.ti.com
9.3 General Configurations
9.3.1 Regulator Circuit With Improved Ripple Rejection
C2 helps to stabilize the voltage at the adjustment pin, which will help reject noise. Diode D1 exists to discharge
C2 in case the output is shorted to ground.
Figure 3. Regulator Circuit With Improved Ripple Rejection
9.3.2 0-V to 30-V Regulator Circuit
In the 0-V to 30-V regulator circuit application, the output voltage is determined by Equation 4.
(4)
Figure 4. 0-V to 30-V Regulator Circuit
9.3.3 Precision Current-Limiter Circuit
This application will limit the output current to the ILIMIT shown in Figure 5.
Figure 5. Precision Current-Limiter Circuit
10
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM317L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com