Electronic Components Datasheet Search
  English  ▼

X  

LM3424 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM3424
Description  Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3424 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3424 Datasheet HTML 30Page - Texas Instruments LM3424 Datasheet HTML 31Page - Texas Instruments LM3424 Datasheet HTML 32Page - Texas Instruments LM3424 Datasheet HTML 33Page - Texas Instruments LM3424 Datasheet HTML 34Page - Texas Instruments LM3424 Datasheet HTML 35Page - Texas Instruments LM3424 Datasheet HTML 36Page - Texas Instruments LM3424 Datasheet HTML 37Page - Texas Instruments LM3424 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
1
P =
Z
2
O
D
C
r x
3
1
P =
Z
1
O
D
C
r x
3
x
=
¨
¨
©
§
+
s
1 Z
1
P
¸
¸
¹
·
0
U
T
U
T
¨
¨
©
§
-
s
1 Z
1
Z
¸
¸
¹
·
x
=
¨
¨
©
§
+
s
1 Z
1
P
¸
¸
¹
·
0
U
T
U
T
1
13
SLP
O
T
LIM
1.5x10
x L1
R
V xR xR
LIM
R
=
LIM
I
245 mV
1-DMAX
DMAX
ICO-RMS = ILED x
I
RMS
CO
=
-
12
PP
-
LED
i
ü
LM3424, LM3424-Q1
SNVS603C – AUGUST 2009 – REVISED AUGUST 2015
www.ti.com
Typical Applications (continued)
To set the worst case LED ripple current, use DMAX when solving for CO. Remember, when PWM dimming it is
recommended to use a minimum of 40 µF of output capacitance to improve performance.
The minimum allowable RMS output capacitor current rating (ICO-RMS) can be approximated:
Buck
(52)
Boost and Buck-Boost
(53)
8.2.1.2.7
Peak Current Limit
Set the peak current limit (ILIM) by solving for the transistor path sense resistor (RLIM):
(54)
8.2.1.2.8
Slope Compensation
For all topologies, the preferred method to set slope compensation is to ensure any duty cycle is attainable for
the nominal VO and chosen L by solving for RSLP:
(55)
8.2.1.2.9
Loop Compensation
Using a simple first order peak current mode control model, neglecting any output capacitor ESR dynamics, the
necessary loop compensation can be determined.
First, the uncompensated loop gain (TU) of the regulator can be approximated:
Buck
(56)
Boost and Buck-Boost
(57)
Where the pole (
ωP1) is approximated:
Buck
(58)
Boost
(59)
Buck-Boost
34
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM3424 LM3424-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com