Electronic Components Datasheet Search
  English  ▼

X  

LM3535 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3535
Description  Multi-Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3535 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 7Page - Texas Instruments LM3535 Datasheet HTML 8Page - Texas Instruments LM3535 Datasheet HTML 9Page - Texas Instruments LM3535 Datasheet HTML 10Page - Texas Instruments LM3535 Datasheet HTML 11Page - Texas Instruments LM3535 Datasheet HTML 12Page - Texas Instruments LM3535 Datasheet HTML 13Page - Texas Instruments LM3535 Datasheet HTML 14Page - Texas Instruments LM3535 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LM3535
www.ti.com
SNVS598A – AUGUST 2010 – REVISED MAY 2013
CIRCUIT DESCRIPTION
OVERVIEW
The LM3535 is a white LED driver system based upon an adaptive 3/2× - 1× CMOS charge pump capable of
supplying up to 200mA of total output current. With three separately controlled Groups of constant current sinks,
the LM3535 is an ideal solution for platforms requiring a single white LED driver IC for main display, sub display,
and indicator lighting. The tightly matched current sinks ensure uniform brightness from the LEDs across the
entire small-format display.
Each LED is configured in a common anode configuration, with the peak drive current set to 25mA. An I2C
compatible interface is used to enable the device and vary the brightness within the individual current sink
Groups. For GroupA, 128 exponentially-spaced analog brightness control levels are available. GroupB and
GroupC have 8 linearly-spaced analog brightness levels.
Additionally, the LM3535 provides 1 or 2 inputs (LM3535 has 1 and LM3535-2ALS has 2) for an Ambient Light
Sensor to adaptively adjust the diode current based on ambient conditions, and a PWM pin to allow the diode
current to be pulse width modulated to work with a display driver utilizing dynamic or content adjusted backlight
control (DBC or CABC).
CIRCUIT COMPONENTS
Charge Pump
The input to the 3/2× - 1× charge pump is connected to the VIN pin, and the regulated output of the charge pump
is connected to the VOUT pin. The recommended input voltage range of the LM3535 is 2.7V to 5.5V. The device’s
regulated charge pump has both open loop and closed loop modes of operation. When the device is in open
loop, the voltage at VOUT is equal to the gain times the voltage at the input. When the device is in closed loop,
the voltage at VOUT is regulated to 4.3V (typ.). The charge pump gain transitions are actively selected to maintain
regulation based on LED forward voltage and load requirements.
Diode Current Sinks
Matched currents are ensured with the use of tightly matched internal devices and internal mismatch cancellation
circuitry. There are eight regulated current sinks configurable into 3 different lighting regions.
Ambient Light Sensing (ALS) and Interrupt
The LM3535 provides an Ambient Light Sensing input (2 inputs on LM3535-2ALS version) for use with ambient
backlight control. By connecting the anode of a photo diode / sensor to the sensor input pins, and configuring the
appropriate ALS resistors, the LM3535 or -2ALS version, can be configured to adjust the diode current to five
unique settings, corresponding to four adjustable light region trip points. Additionally, when the LM3535
determines that an ambient condition has changed, the interrupt pin, when connected to a pull-up resistor will
toggle to a '0' alerting the controller. See the I2C Compatible Interface section for more details regarding the
register configurations.
Dynamic Backlight Control Input (PWM Pin)
A PWM (Pulse Width Modulation) pin is provided on the LM3535 to allow a display driver utilizing dynamic
backlight control (DBC), to adjust the LED brightness based on the content. The PWM input can be turned on or
off (Acknowledge or Ignore) and the polarity can be flipped (active high or active low) through the I2C interface.
The current sinks of the LM3535 require approximately 15µs. to reach steady-state target current. This turn-on
time sets the minimum usable PWM pulse width for DBC/CABC.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com