Electronic Components Datasheet Search
  English  ▼

X  

LM3535 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3535
Description  Multi-Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3535 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 8Page - Texas Instruments LM3535 Datasheet HTML 9Page - Texas Instruments LM3535 Datasheet HTML 10Page - Texas Instruments LM3535 Datasheet HTML 11Page - Texas Instruments LM3535 Datasheet HTML 12Page - Texas Instruments LM3535 Datasheet HTML 13Page - Texas Instruments LM3535 Datasheet HTML 14Page - Texas Instruments LM3535 Datasheet HTML 15Page - Texas Instruments LM3535 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
SCL
SDIO
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LM3535
SNVS598A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
LED Forward Voltage Monitoring
The LM3535 has the ability to switch gains (1x or 3/2x) based on the forward voltage of the LED load. This ability
to switch gains maximizes efficiency for a given load. Forward voltage monitoring occurs on all diode pins. At
higher input voltages, the LM3535 will operate in pass mode, allowing the VOUT voltage to track the input voltage.
As the input voltage drops, the voltage on the Dxx pins will also drop (VDXX = VVOUT – VLEDx). Once any of the
active Dxx pins reaches a voltage approximately equal to 130mV, the charge pump will switch to the gain of 3/2.
This switch-over ensures that the current through the LEDs never becomes pinched off due to a lack of
headroom across the current sinks. Once a gain transition occurs, the LM3535 will remain in the gain of 3/2
until an I2C write to the part occurs. At that time, the LM3535 will re-evaluate the LED conditions and
select the appropriate gain.
Only active Dxx pins will be monitored.
Configurable Gain Transition Delay
To optimize efficiency, the LM3535 has a user selectable gain transition delay that allows the part to ignore short
duration input voltage drops. By default, the LM3535 will not change gains if the input voltage dip is shorter than
3 to 6 milliseconds. There are four selectable gain transition delay ranges (4 for LM3535-2ALS and 3 for
LM3535) available on the LM3535. All delay ranges are set within the VF Monitor Delay Register . Please refer to
the INTERNAL REGISTERS OF LM3535 section of this datasheet for more information regarding the delay
ranges.
Hardware Enable (HWEN)
The LM3535 has a hardware enable/reset pin (HWEN) that allows the device to be disabled by an external
controller without requiring an I2C write command. Under normal operation, the HWEN pin should be held high
(logic '1') to prevent an unwanted reset. When the HWEN is driven low (logic '0'), all internal control registers
reset to the default states and the part becomes disabled. Please see the Electrical Characteristics(1)(2) section of
the datasheet for required voltage thresholds.
I2C Compatible Interface
DATA VALIDITY
The data on SDIO line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when SCL is LOW.
Figure 27. Data Validity Diagram
A pull-up resistor between the controller's VIO line and SDIO must be greater than [(VIO-VOL) / 3mA] to meet the
VOL requirement on SDIO. Using a larger pull-up resistor results in lower switching current with slower edges,
while using a smaller pull-up results in higher switching currents with faster edges.
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com