Electronic Components Datasheet Search
  English  ▼

X  

LM3535 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3535
Description  Multi-Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3535 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 13Page - Texas Instruments LM3535 Datasheet HTML 14Page - Texas Instruments LM3535 Datasheet HTML 15Page - Texas Instruments LM3535 Datasheet HTML 16Page - Texas Instruments LM3535 Datasheet HTML 17Page - Texas Instruments LM3535 Datasheet HTML 18Page - Texas Instruments LM3535 Datasheet HTML 19Page - Texas Instruments LM3535 Datasheet HTML 20Page - Texas Instruments LM3535 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
MSB
LSB
Internal ALS Resistor Register
Register Address: 0x51
R3A
bit7
R2A
bit6
R1A
bit5
R0A
bit4
R3B
bit3
R2B
bit2
R1B
bit1
R0B
bit0
MSB
LSB
ALS Control / SI Rev Register
Register Address: 0x50
ALS-EN
bit7
AVE2
bit6
AVE1
bit5
AVE0
bit4
0
bit3
0
bit2
Rev1
bit1
Rev0
bit0
MSB
LSB
ALS Zone Register
Register Address: 0x40
1
bit7
1
bit6
1
bit5
1
bit4
FLAG
bit3
ZONE2
bit2
ZONE1
bit1
ZONE0
bit0
LM3535
www.ti.com
SNVS598A – AUGUST 2010 – REVISED MAY 2013
Table 1. ILED vs. Brightness Register Data (continued)
0011110
0.725%
0111101
3.684%
1011110
18.713%
1111110
95.048%
0011111
0.763%
0111111
3.876%
1011111
19.687%
1111111
100.000%
GroupB and GroupC Brightness Levels = 2.5, 5, 7.5, 10, 12.5, 15, 17.5, 25mA
Figure 34. ALS Zone Register Description
Internal Hex Address: 0x40
•
ZONE0-ZONE2: ALS Zone information: '000’ = Zone0, ‘001’ = Zone1, ‘010’ = Zone2, ‘011’ = Zone3, ‘100’ =
Zone4. Other combinations not used
•
FLAG: ALS Transition Flag. '1' = Transition has occurred. '0' = No Transition. The FLAG bit is cleared once
the 0x40 register has been read.
Figure 35. ALS Control / Silicon Revision Register Description
Internal Hex Address: 0x50
•
Rev0-Rev1 : Stores the Silicon Revision value. LM3535 = '11', LM3535-2ALS = '00'
•
AVE2-AVE0: Sets Averaging Time for ALS sampling. Need two to three Averaging periods to make transition
decision.‘000’ = 25ms, ‘001’ = 50ms, ‘010’ = 100ms, ‘011’ = 200ms, ‘100’ = 400ms, ‘101’ = 800ms, ‘110’ =
1.6s, ‘111’ = 3.2s
Figure 36. ALS Resistor Control Register Description
Internal Hex Address: 0x51
•
R3A-R0A are valid on both the LM3535 and LM3535-2ALS.
•
R3B-R0B are only valid on LM3535-2ALS.
•
R0-R3: Sets the internal ALS resistor value
Table 2. Internal ALS Resistor Table
R3x
R2x
R1x
R0x
ALSA
ALSB
Resistor
Resistor
Value (
Ω)
Value (
Ω)
0
0
0
0
High Impedance
0
0
0
1
13.6k
13.65k
0
0
1
0
9.08k
9.13k
0
0
1
1
5.47k
5.52k
0
1
0
0
2.32k
2.37k
0
1
0
1
1.99k
2.05k
0
1
1
0
1.86k
1.92k
0
1
1
1
1.65k
1.70k
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com