Electronic Components Datasheet Search
  English  ▼

X  

LM3557 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3557
Description  Step-Up Converter for White LED Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3557 Datasheet(HTML) 2 Page - Texas Instruments

  LM3557 Datasheet HTML 1Page - Texas Instruments LM3557 Datasheet HTML 2Page - Texas Instruments LM3557 Datasheet HTML 3Page - Texas Instruments LM3557 Datasheet HTML 4Page - Texas Instruments LM3557 Datasheet HTML 5Page - Texas Instruments LM3557 Datasheet HTML 6Page - Texas Instruments LM3557 Datasheet HTML 7Page - Texas Instruments LM3557 Datasheet HTML 8Page - Texas Instruments LM3557 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1
4
5
2
6
7
8
3
LM3557
SNVS338B – NOVEMBER 2004 – REVISED FEBRUARY 2013
www.ti.com
Connection Diagram
Figure 2. 8-Lead Thin WSON Package
(Top View)
PIN DESCRIPTIONS
Name
Pin No.
Description
Sw1
1
Drain Connection of the Internal Power Field Effect Transistor (FET) Switch (Figure 3: N1)
VIN
2
Input Voltage Connection
NC
3
No Connection
En
4
Device Enable Connection
Ovp
5
Over-Voltage Protection Input Connection
Fb
6
Feedback Voltage Connection
Sw2
7
Drain Connection of an Internal Field Effect Transistor (FET) Switch (Figure 3: N2)
Gnd
8
Ground Connection
DAP
DAP
Die Attach Pad (DAP), must be soldered to the printed circuit board's ground plane for enhanced thermal dissipation
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN Pin
−0.3V to +8V
En Pin
−0.3V to +8V
Fb Pin
−0.3V to +8V
Sw2 Pin
−0.3V to +8V
Ovp Pin
−0.3V to +30V
Sw1 Pin
−0.3V to +40V
Continuous Power Dissipation
Internally Limited
Maximum Junction Temperature
(TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
ESD Rating (3)
Human Body Model
2 kV
Machine Model
150V
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical characteristic specifications do not
apply when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com