Electronic Components Datasheet Search
  English  ▼

X  

LM3557 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3557
Description  Step-Up Converter for White LED Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3557 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3557 Datasheet HTML 7Page - Texas Instruments LM3557 Datasheet HTML 8Page - Texas Instruments LM3557 Datasheet HTML 9Page - Texas Instruments LM3557 Datasheet HTML 10Page - Texas Instruments LM3557 Datasheet HTML 11Page - Texas Instruments LM3557 Datasheet HTML 12Page - Texas Instruments LM3557 Datasheet HTML 13Page - Texas Instruments LM3557 Datasheet HTML 14Page - Texas Instruments LM3557 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
[VIN * D]
[L * Fs]
IPeak |
[IOUT]
[(1 - D) * Eff]
+
[VIN * D]
[2 * L * Fs]
IPeak
|
IPeak
IL (avg) +
|
'iL
2
LM3557
www.ti.com
SNVS338B – NOVEMBER 2004 – REVISED FEBRUARY 2013
(12)
where
•
VIN is the input voltage
•
VOUT is the output voltage
•
Eff is the efficiency of the LM3557
•
Fs is the switching frequency
•
IOUT is the white LED current/load current
•
L is the inductance magnitude/inductor value
•
D is the duty cycle for CCM operation
•
ΔiL is the inductor ripple current
•
IL(avg) is the average inductor current
(13)
The cycle-by-cycle peak inductor current for DCM operation can be computed with:
where
•
VIN is the input voltage
•
VOUT is the output voltage
•
Eff is the efficiency of the LM3557
•
Fs is the switching frequency
•
IOUT is the white LED current/load current
•
L is the inductance magnitude/inductor value
•
D is the duty cycle for CCM operation
•
ΔiL is the inductor ripple current
•
IL(avg) is the average inductor current
(14)
Some recommended inductor manufacturers are:
Coilcraft [www.coilcraft.com]
Coiltronics [www.cooperet.com]
TDK [www.tdk.com]
CAPACITOR SELECTION
Multilayer ceramic capacitors are the best choice for use with the LM3557. Multilayer ceramic capacitors have
the lowest equivalent series resistance (ESR). Applied voltage or DC bias, temperature, dielectric material type
(X7R, X5R, Y5V, etc), and manufacturer component tolerance have an affect on the true or effective capacitance
of a ceramic capacitor. Be aware of how your application will affect a particular ceramic capacitor by analyzing
the aforementioned factors of your application. Before selecting a capacitor always consult the capacitor
manufacturer’s data curves to verify the effective or true capacitance of the capacitor in your application.
INPUT CAPACITOR SELECTION
The input capacitor serves as an energy reservoir for the inductor. In addition to acting as an energy reservoir for
the inductor the input capacitor is necessary for the reduction in input voltage ripple and noise experienced by
the LM3557. The reduction in input voltage ripple and noise helps ensure the LM3557’s proper operation, and
reduces the effect of the LM3557 on other devices sharing the same supply voltage. To ensure low input voltage
ripple, the input capacitor must have an extremely low ESR. As a result of the low input voltage ripple
requirement multilayer ceramic capacitors are the best choice. A minimum capacitance of 2.0 µF is required for
normal operation, consult the capacitor manufacturer’s data curves to verify whether the minimum capacitance
requirement is going to be achieved for a particular application.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com