Electronic Components Datasheet Search
  English  ▼

X  

LM3557 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3557
Description  Step-Up Converter for White LED Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3557 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3557 Datasheet HTML 8Page - Texas Instruments LM3557 Datasheet HTML 9Page - Texas Instruments LM3557 Datasheet HTML 10Page - Texas Instruments LM3557 Datasheet HTML 11Page - Texas Instruments LM3557 Datasheet HTML 12Page - Texas Instruments LM3557 Datasheet HTML 13Page - Texas Instruments LM3557 Datasheet HTML 14Page - Texas Instruments LM3557 Datasheet HTML 15Page - Texas Instruments LM3557 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
LM3557
SNVS338B – NOVEMBER 2004 – REVISED FEBRUARY 2013
www.ti.com
OUTPUT CAPACITOR SELECTION
The output capacitor serves as an energy reservoir for the white LED load when the internal power FET switch
(Figure 3: N1) is ON or conducting current. The requirements for the output capacitor must include worst case
operation such as when the load opens up and the LM3557 operates in over-voltage protection (OVP) mode
operation. A minimum capacitance of 0.5 µF is required to ensure normal operation. Consult the capacitor
manufacturer’s data curves to verify whether the minimum capacitance requirement is going to be achieved for a
particular application.
Some recommended capacitor manufacturers are:
TDK
[www.tdk.com]
Murata
[www.murata.com]
Vishay
[www.vishay.com]
DIODE SELECTION
To maintain high efficiency it is recommended that the average current rating (IF or IO) of the selected diode
should be larger than the peak inductor current (ILpeak). To maintain diode integrity the peak repetitive forward
current (IFRM) must be greater than or equal to the peak inductor current (ILpeak). Diodes with low forward voltage
ratings (VF) and low junction capacitance magnitudes (CJ or CT or CD) are conducive to high efficiency. The
chosen diode must have a reverse breakdown voltage rating (VR and/or VRRM) that is larger than the output
voltage (VOUT). No matter what type of diode is chosen, Schottky or not, certain selection criteria must be
followed:
1. VR and VRRM > VOUT
2. IF or IO ≥ ILOAD or IOUT
3. IFRM ≥ ILpeak
Some recommended diode manufacturers are as follows:
Vishay [www.vishay.com]
Diodes, Inc [www.diodes.com]
On Semiconductor [www.onsemi.com]
LAYOUT CONSIDERATIONS
All components, except for the white LEDs, must be placed as close as possible to the LM3557. The die attach
pad (DAP) must be soldered to the ground plane.
The input capacitor, Cin, must be placed close to the LM3557. Placing Cin close to the device will reduce the
metal trace resistance effect on input voltage ripple. The feedback current setting resistor R2 must be placed
close to the Fb and Sw2 pins. The output capacitor, Cout, must be placed close to the Ovp and Gnd pin
connections. Trace connections to the inductor should be short and wide to reduce power dissipation, increase
overall efficiency, and reduce EMI radiation. The diode, like the inductor, should have trace connections that are
short and wide to reduce power dissipation and increase overall efficiency. For more details regarding layout
guidelines for switching regulators refer to Applications Note AN-1149 (SNVA021).
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com