Electronic Components Datasheet Search
  English  ▼

X  

PSD Datasheet(PDF) 2 Page - DDK Ltd.

Part # PSD
Description  Small Coaxial Connectors?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSD Datasheet(HTML) 2 Page - DDK Ltd.

  PSD Datasheet HTML 1Page - DDK Ltd. PSD Datasheet HTML 2Page - DDK Ltd. PSD Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○
PSD Series
Unit : mm
2
【UT-85 tyep and Semi-Flexible Cable】
Straight Jack
検図
製写
承認
設計
寸法
角度
形式
機番
一般
公差
品名
図番
PSD-SJ-FCCAV1-SO
(6.4)
  P / N
Applicable Cable
Frequency
Range
PSD-SJ-FCCAV1-SO
FCCAV1
(Nissei) or Equivalent DC to 28GHz
(6.4)
■ ストレートジャック
【
UT-85相当セミフレキシブルケーブル】
   品  名
PSD-SJ-FCCAV1-SO
適 合 ケ ー ブ ル
FCCAV1(日星電気製)又は相当品
(6.4)
■ ストレートジャック
   品  名
PSD-SJ-FCCAV2-SO
適 合 ケ ー ブ ル
FCCAV2(日星電気製)又は相当品
【
UT-47相当セミフレキシブルケーブル】
【UT-47 tyep and Semi-Flexible Cable】
  P / N
Applicable Cable
Frequency
Range
PSD-SJ-FCCAV2-SO
FCCAV2
(Nissei) or Equivalent DC to 18GHz
○ Right Angle Jack
(5.33)
(6.88)
φ4.6
検図
製写
承認
設計
寸法
角度
形式
機番
一般
公差
尺
単
品名
図番
PSD-LJ-FCCAV1-SO
  P / N
Applicable Cable
Frequency
Range
PSD-LJ-FCCAV1-SO
FCCAV1
(Nissei) or Equivalent DC to 18GHz
【UT-85 tyep and Semi-Flexible Cable】
【UT-47 tyep and Semi-Flexible Cable】
(5.33)
(6.88)
φ4.6
検図
製写
承認
設計
寸法
角度
形式
機番
一般
公差
品名
図番
PSD-LJ-FCCAV2-SO
95019
∼
±0.2
PSD
青木
'06.3.15
高松
'06.3.15
  P / N
Applicable Cable
Frequency
Range
PSD-LJ-FCCAV2-SO
FCCAV2
(Nissei) or Equivalent DC to 18GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com