Electronic Components Datasheet Search
  English  ▼

X  

PSD Datasheet(PDF) 1 Page - DDK Ltd.

Part # PSD
Description  Small Coaxial Connectors?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSD Datasheet(HTML) 1 Page - DDK Ltd.

  PSD Datasheet HTML 1Page - DDK Ltd. PSD Datasheet HTML 2Page - DDK Ltd. PSD Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Small Coaxial Connectors 
PSD Series
Characteristic Impedance
50 Ω
Rated Voltage
335VAC(r.m.s.)
Dielectric Withstanding Voltage 500V AC (r.m.s.) / 1 minute
Insulation Resistance
1,000M Ω (min.) at 500V DC
VSWR
1.3(max.)(DC to 28GHz)
Durability
500 times
Operating Temperature
-40 〜 +125℃
RoHS
Compliant
RoHS
Compliant
Frequency
Range
DCto28GHz
Characteristic
Impedance
50 Ω
Lock Type
Push On
Item
Material / Finish
Contact
Copper Alloy / Au Plating
Outer Conductor
Copper Alloy / Au Plating
Insulator
PTFE
121226
* The specifications are typical but may not apply to all connectors.
Please check the specifications on each item with its drawing from uswhen you use.
Used for wireless base station devices, measurement equipment,
microwave communication devices, etc
0   
5     10    15    20    25  28
PSD-SJ-FCCAV1-SO×2 L=200mm VSWR
Frequency[GHz]
1.6
1.5
1.4
1.3
1.2
1.1
1.00     5    10    15    20    25  28
Frequency[GHz]
PSD-SJ-FCCAV1-SO×2 L=200mm VSWR
MIL-STD-348A
PSD series is Miniature push-on lock coaxial connectors
conforming to the MIL-STD-348A SMP requirements.
Unsteadiness characteristic of the push-on mating
type is less, providing stable performance up to high
frequency.
SPECIFICATIONS
APPLICATIONS
CONFORMING STANDARD
MATERIAL / FINISH
OUTLINE


Similar Part No. - PSD

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSD-05 MEANWELL-PSD-05 Datasheet
289Kb / 2P
5W Single Output DC-DC Converter
PSD-05-05 MEANWELL-PSD-05-05 Datasheet
287Kb / 2P
5W Single Output DC-DC Converter
PSD-05-05 MEANWELL-PSD-05-05 Datasheet
289Kb / 2P
5W Single Output DC-DC Converter
PSD-05-12 MEANWELL-PSD-05-12 Datasheet
287Kb / 2P
5W Single Output DC-DC Converter
PSD-05-12 MEANWELL-PSD-05-12 Datasheet
289Kb / 2P
5W Single Output DC-DC Converter
More results

Similar Description - PSD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
COAXIAL CONNECTORS
logo
Hirose Electric
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
H.FL75 HIROSE-H.FL75 Datasheet
437Kb / 6P
75 廓 Small Coaxial Connectors (SMT Low Profi le)
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
Small Coaxial Connectors
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
Coaxial Connectors
logo
Hirose Electric
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com