Electronic Components Datasheet Search
  English  ▼

X  

PSD Datasheet(PDF) 3 Page - DDK Ltd.

Part # PSD
Description  Small Coaxial Connectors?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSD Datasheet(HTML) 3 Page - DDK Ltd.

  PSD Datasheet HTML 1Page - DDK Ltd. PSD Datasheet HTML 2Page - DDK Ltd. PSD Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
PSD Series
○ Right Angle Plag Receptacle
(6.5)
4.5
2
0.66
1.77
4.2
95013
PSD−LPR−PS
6.35
4.5
4.6 2.5
0.3
推奨取り付け基板寸法
Part is a pad.
  P / N
Frequency Range
PSD-LPR-PS
DC to 18GHz
Unit : mm
RECOMMENDED FOOTPRINT PATTERN
3
Note: For more information on the adapter, refer to the adapter catalog.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com