Electronic Components Datasheet Search
  English  ▼

X  

PCI4510PDV Datasheet(PDF) 42 Page - Texas Instruments

Part # PCI4510PDV
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510PDV Datasheet(HTML) 42 Page - Texas Instruments

Back Button PCI4510PDV Datasheet HTML 38Page - Texas Instruments PCI4510PDV Datasheet HTML 39Page - Texas Instruments PCI4510PDV Datasheet HTML 40Page - Texas Instruments PCI4510PDV Datasheet HTML 41Page - Texas Instruments PCI4510PDV Datasheet HTML 42Page - Texas Instruments PCI4510PDV Datasheet HTML 43Page - Texas Instruments PCI4510PDV Datasheet HTML 44Page - Texas Instruments PCI4510PDV Datasheet HTML 45Page - Texas Instruments PCI4510PDV Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 220 page
background image
2−24
Table 2−17. IEEE 1394 Physical Layer Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
RGVF
I/O
DESCRIPTION
CNA
111
P17
P15
I/O
Cable not active. This terminal is asserted high when there are no ports receiving incoming
bias voltage. If it is not used, then this terminal must be strapped either to GND through a
resistor.
CPS
80
P10
M11
I
Cable power status input. This terminal is normally connected to cable power through a
400-k
Ω resistor. This circuit drives an internal comparator that is used to detect the presence
of cable power. If CPS is not used to detect cable power, then this terminal must be pulled to
AVDD.
FILTER0
FILTER1
105
106
T19
R17
T18
T19
I/O
PLL filter terminals. These terminals are connected to an external capacitance to form a
lag-lead filter required for stable operation of the internal frequency multiplier PLL running off
of the crystal oscillator. A 0.1-
µF ±10% capacitor is the only external component required to
complete this filter.
PC0
PC1
PC2
77
76
75
V10
W10
P09
R12
U13
V13
I
Power class programming inputs. On hardware reset, these inputs set the default value of the
power class indicated during self-ID. Programming is done by tying these terminals high or
low.
R0
R1
91
92
W13
V13
U18
U19
−
Current-setting resistor terminals. These terminals are connected to an external resistance
to set the internal operating currents and cable driver output currents. A resistance of
6.34 k
Ω ±1% is required to meet the IEEE Std 1394-1995 output voltage limits.
TPA0P
TPA0N
87
86
V12
W12
V15
W15
I/O
Twisted-pair cable A differential signal terminals. Board trace lengths from each pair of
positive and negative differential signal pins must be matched and as short as possible to the
TPA1P
TPA1N
101
99
V15
W15
V18
W18
I/O
positive and negative differential signal pins must be matched and as short as possible to the
external load resistors and to the cable connector.
TPBIAS0
TPBIAS1
88
103
U12
U15
U15
U17
I/O
Twisted-pair bias output. This provides the 1.86-V nominal bias voltage needed for proper
operation of the twisted-pair cable drivers and receivers and for signaling to the remote nodes
that there is an active cable connection. Each of these pins must be decoupled with a 1.0-
µF
capacitor to ground.
TPB0P
TPB0N
82
81
V11
W11
V14
W14
I/O
Twisted-pair cable B differential signal terminals. Board trace lengths from each pair of
positive and negative differential signal pins must be matched and as short as possible to the
TPB1P
TPB1N
96
95
V14
W14
V16
W16
I/O
positive and negative differential signal pins must be matched and as short as possible to the
external load resistors and to the cable connector.
XI
XO
109
110
R18
R19
R18
R19
−
Crystal oscillator inputs. These pins connect to a 24.576-MHz parallel resonant fundamental
mode crystal. The optimum values for the external shunt capacitors are dependent on the
specifications of the crystal used (see Section 3.11.2, Crystal Selection). Terminal 5 has an
internal 10-k
Ω (nominal value) pulldown resistor. An external clock input can be connected
to the XI terminal. When using an external clock input, the XO terminal must be left
unconnected. Refer to Section 11.7 for the operating characteristics of the XI terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com