Electronic Components Datasheet Search
  English  ▼

X  

PCI4510PDV Datasheet(PDF) 17 Page - Texas Instruments

Part # PCI4510PDV
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510PDV Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCI4510PDV Datasheet HTML 13Page - Texas Instruments PCI4510PDV Datasheet HTML 14Page - Texas Instruments PCI4510PDV Datasheet HTML 15Page - Texas Instruments PCI4510PDV Datasheet HTML 16Page - Texas Instruments PCI4510PDV Datasheet HTML 17Page - Texas Instruments PCI4510PDV Datasheet HTML 18Page - Texas Instruments PCI4510PDV Datasheet HTML 19Page - Texas Instruments PCI4510PDV Datasheet HTML 20Page - Texas Instruments PCI4510PDV Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 220 page
background image
1−3
•
Full IEEE Std 1394a-2000 support includes: connection debounce, arbitrated short reset, multispeed
concatenation, arbitration acceleration, fly-by concatenation, and port disable/suspend/resume
•
Power-down features to conserve energy in battery-powered applications include: automatic device power
down during suspend, PCI power management for link-layer and inactive ports powered down,
ultralow-power sleep mode
•
Two IEEE Std 1394a-2000 fully compliant cable ports at 100M bits/s, 200M bits/s, and 400M bits/s
•
Cable ports monitor line conditions for active connection to remote node
•
Cable power presence monitoring
•
Separate cable bias (TPBIAS) for each port
•
Physical write posting of up to three outstanding transactions
•
PCI burst transfers and deep FIFOs to tolerate large host latency
•
External cycle timer control for customized synchronization
•
Extended resume signaling for compatibility with legacy DV components
•
PHY-Link logic performs system initialization and arbitration functions
•
PHY-Link encode and decode functions included for data-strobe bit level encoding
•
PHY-Link incoming data resynchronized to local clock
•
Low-cost 24.576-MHz crystal provides transmit and receive data at 100M bits/s, 200M bits/s, and
400M bits/s
•
Node power class information signaling for system power management
•
Register bits give software control of contender bit, power class bits, link active control bit, and IEEE Std
1394a-2000 features
•
Isochronous receive dual-buffer mode
•
Out-of-order pipelining for asynchronous transmit requests
•
Register access fail interrupt when the PHY SCLK is not active
•
PCI power-management D0, D1, D2, and D3 power states
•
Initial bandwidth available and initial channels available registers
•
PME support per 1394 Open Host Controller Interface Specification
•
Advanced submicron, low-power CMOS technology
1.3
Related Documents
•
Advanced Configuration and Power Interface (ACPI) Specification (Revision 2.0)
•
1394 Open Host Controller Interface Specification (Release 1.1)
•
IEEE Standard for a High Performance Serial Bus (IEEE Std 1394-1995)
•
IEEE Standard for a High Performance Serial Bus—Amendment 1 (IEEE Std 1394a-2000)
•
PC Card Standard—Electrical Specification (Release 8.0)
•
PC 2001 Design Guide
•
PCI Bus Power Management Interface Specification (Revision 1.1)
•
PCI Local Bus Specification (Revision 2.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com