Electronic Components Datasheet Search
  English  ▼

X  

PCI4510PDV Datasheet(PDF) 33 Page - Texas Instruments

Part # PCI4510PDV
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510PDV Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCI4510PDV Datasheet HTML 29Page - Texas Instruments PCI4510PDV Datasheet HTML 30Page - Texas Instruments PCI4510PDV Datasheet HTML 31Page - Texas Instruments PCI4510PDV Datasheet HTML 32Page - Texas Instruments PCI4510PDV Datasheet HTML 33Page - Texas Instruments PCI4510PDV Datasheet HTML 34Page - Texas Instruments PCI4510PDV Datasheet HTML 35Page - Texas Instruments PCI4510PDV Datasheet HTML 36Page - Texas Instruments PCI4510PDV Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 220 page
background image
2−15
The terminals are grouped in tables by functionality, such as PCI system function, power-supply function, etc. The
terminal numbers are also listed for convenient reference.
Table 2−6. Power Supply Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
RGVF
I/O
DESCRIPTION
GND
6, 24, 39, 62,
114, 128, 143,
162, 180, 195
E01, K01, N01,
W06, P19, K19,
G19, A15, A10,
A07
G07, G08, G13,
H13, J09, J10,
J11, K09, K10,
K11, L08, L09,
L10, L11, L12,
M08
−
Device ground terminals
VCC
14, 34, 47, 70,
123, 138, 151,
170, 190, 203
G01, M01, R01,
W08, L19, H19,
E19, A13, A08,
A05
H08, H09, H10,
H11, H12, J08,
J12, K08, K12,
M07, M09, M10,
M12, N07
−
Power supply terminal for I/O and internal voltage regulator
VCCCB
146, 175
G14, A11
A05, A11
−
Clamp voltage for PC CardBus interface. Matches card signal-
ing environment, 5 V or 3.3 V
VCCP
29, 58
L01, W05
W03, W10
−
Clamp voltage for PCI and miscellaneous I/O, 5 V or 3.3 V
VR_EN
15
H05
H02
I
Internal voltage regulator enable. Active low
VR_PORT
13, 124
G02, L18
H01, M19
I/O
Internal voltage regulator input/output. When VR_EN is low,
the regulator is enabled and these terminals are outputs. The
two VR_PORT terminals must be tied together and connected
to ground through a 0.1
µF bypass capacitor. When VR_EN is
high, the regulator is disabled and these terminals are inputs
for an external 1.8-V core power source.
Table 2−7. PC Card Power Switch Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
RGVF
I/O
DESCRIPTION
VD1/VCCD0
VD0/VCCD1
206
205
E06
B05
L06
L05
O
Logic controls to the TPS2211A or TPS2221 PC Card power interface switch to control
AVCC
VD3/VPPD0
VD2/VPPD1
208
207
A04
C05
N02
N01
O
Logic controls to the TPS2211A or TPS2221 PC Card power interface switch to control AVPP
Table 2−8. PCI System Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
RGVF
I/O
DESCRIPTION
GRST
17
H02
T01
I
Global reset. When the global reset is asserted, the GRST signal causes the PCI4510 device to
place all output buffers in a high-impedance state and reset all internal registers. When GRST is
asserted, the device is completely in its default state. GRST must be connected to POWER_OK.
PCLK
18
H01
P05
I
PCI bus clock. PCLK provides timing for all transactions on the PCI bus. All PCI signals are sampled
at the rising edge of PCLK.
PRST
16
H03
R03
I
PCI bus reset. When the PCI bus reset is asserted, PRST causes the PCI4510 device to place all
output buffers in a high-impedance state and reset internal registers. When PRST is asserted, the
device is completely nonfunctional. After PRST is deasserted, the PCI4510 device is in a default
state.
When SUSPEND and PRST are asserted, the device is protected from PRST clearing the internal
registers. All outputs are placed in a high-impedance state, but the contents of the registers are
preserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com