Electronic Components Datasheet Search
  English  ▼

X  

BLF647 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF647
Description  UHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF647 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF647 Datasheet HTML 1Page - NXP Semiconductors BLF647 Datasheet HTML 2Page - NXP Semiconductors BLF647 Datasheet HTML 3Page - NXP Semiconductors BLF647 Datasheet HTML 4Page - NXP Semiconductors BLF647 Datasheet HTML 5Page - NXP Semiconductors BLF647 Datasheet HTML 6Page - NXP Semiconductors BLF647 Datasheet HTML 7Page - NXP Semiconductors BLF647 Datasheet HTML 8Page - NXP Semiconductors BLF647 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2001 Nov 27
5
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF647
Application at 600 MHz
handbook, halfpage
Gp
(dB)
η
D
(%)
η
D
0
100
50
150
200
PL (PEP) (W)
20
15
5
0
10
80
60
20
0
40
MGW540
Gp
Fig.3
Power gain and drain efficiency as functions
of peak envelope load power; typical
values.
Th =25 °C; VDS = 28 V; IDQ =1A.
2-tone: f1 = 600 MHz (−6 dB); f2 = 600.1 MHz (−6 dB)
measured in 600 MHz test circuit.
handbook, halfpage
dim
(dBc)
d5
d3
0
100
50
150
200
PL (PEP) (W)
0
−20
−60
−80
−40
MGW541
Fig.4
Intermodulation distortion as a function of
peak envelope output power; typical values.
Th =25 °C; VDS = 28 V; IDQ =1A.
2-tone: f1 = 600 MHz (−6 dB); f2 = 600.1 MHz (−6 dB)
measured in 600 MHz test circuit.
handbook, halfpage
Gp
(dB)
η
D
(%)
η
D
0
100
50
150
200
PL (W)
20
15
5
0
10
80
60
20
0
40
MGW542
Gp
Fig.5
Power gain and drain efficiency as functions
of load power; typical values.
Th =25 °C; VDS = 28 V; IDQ = 1 A; CW, class-AB; f = 600 MHz;
measured in 600 MHz test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com