Electronic Components Datasheet Search
  English  ▼

X  

BLF647 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF647
Description  UHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF647 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF647 Datasheet HTML 1Page - NXP Semiconductors BLF647 Datasheet HTML 2Page - NXP Semiconductors BLF647 Datasheet HTML 3Page - NXP Semiconductors BLF647 Datasheet HTML 4Page - NXP Semiconductors BLF647 Datasheet HTML 5Page - NXP Semiconductors BLF647 Datasheet HTML 6Page - NXP Semiconductors BLF647 Datasheet HTML 7Page - NXP Semiconductors BLF647 Datasheet HTML 8Page - NXP Semiconductors BLF647 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2001 Nov 27
3
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF647
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tj =25 °C per section unless otherwise specified.
Note
1. Capacitance values of the die only.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Tmb =25 °C; Ptot = 290 W
0.6
K/W
Rth mb-h
thermal resistance from mounting base to heatsink
0.2
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID = 1.4 mA
65
−−
V
VGSth
gate-source threshold voltage
VDS = 20 V; ID = 140 mA
4
−
5.5
V
IDSS
drain-source leakage current
VGS = 0; VDS =28V
−−
1.2
µA
IDSX
drain cut-off current
VGS =VGSth +9V; VDS =10V
18
−−
A
IGSS
gate leakage current
VGS = ±15 V; VDS =0
−−
25
nA
gfs
forward transconductance
VDS = 20 V; ID =4A
−
4
−
S
RDSon
drain-source on-state resistance
VGS =VGSth +9V; ID =4A
−
160
−
m
Ω
Ciss
input capacitance
VGS =0; VDS = 28 V; f = 1 MHz;
note 1
−
80
−
pF
Coss
output capacitance
VGS = 0; VDS = 28 V; f = 1 MHz
−
43
−
pF
Crss
feedback capacitance
VGS = 0; VDS = 28 V; f = 1 MHz
−
6
−
pF
handbook, halfpage
Coss
(pF)
030
10
40
50
VDS (V)
20
100
60
80
20
0
40
MGW546
Fig.2
Output capacitance as a function of
drain-source voltage; typical values per
section.
VGS = 0; f = 1 MHz; Tj =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com