Electronic Components Datasheet Search
  English  ▼

X  

SP1086 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP1086
Description  1.5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP1086 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP1086 Datasheet HTML 2Page - Exar Corporation SP1086 Datasheet HTML 3Page - Exar Corporation SP1086 Datasheet HTML 4Page - Exar Corporation SP1086 Datasheet HTML 5Page - Exar Corporation SP1086 Datasheet HTML 6Page - Exar Corporation SP1086 Datasheet HTML 7Page - Exar Corporation SP1086 Datasheet HTML 8Page - Exar Corporation SP1086 Datasheet HTML 9Page - Exar Corporation SP1086 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Date: 2/5/06 Rev H
SP086 .5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
Typical Performance characteristics
Figure . Output Voltage vs. Temperature
Figure 5. Maximum Power Dissipation
Figure . Dropout Voltage vs. Output Current
25
50
5
00
25
0.0
2.5
5.0
.5
0.0
Case Temperature (
oC)
0. 0.2 0. 0. 0.5 0.6 0. 0.8 0. .0 . .2 . . .5
0.5
0.6
0.
0.8
0.

.0
.2
.
.
T
A=25
oC
T
A=0
oC
Output Current (A)
0
25
50
5
00
25
.220
.225
.20
.25
.20
.250
.255
.260
Ambient Temperature (
oC)
Figure 6. Reference Voltage vs. Temperature
0
25
50
5
00
25
.0
.5
.20
.25
.0
.5
.0
Ambient Temperature (
oC)
.2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com