Electronic Components Datasheet Search
  English  ▼

X  

SP1086 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP1086
Description  1.5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP1086 Datasheet(HTML) 1 Page - Exar Corporation

  SP1086 Datasheet HTML 1Page - Exar Corporation SP1086 Datasheet HTML 2Page - Exar Corporation SP1086 Datasheet HTML 3Page - Exar Corporation SP1086 Datasheet HTML 4Page - Exar Corporation SP1086 Datasheet HTML 5Page - Exar Corporation SP1086 Datasheet HTML 6Page - Exar Corporation SP1086 Datasheet HTML 7Page - Exar Corporation SP1086 Datasheet HTML 8Page - Exar Corporation SP1086 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image

Date: 2/5/06 Rev H
SP086 .5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
general Description
The S
P1086 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 1.5A of load
current. The series features on-chip thermal shutdown. It also includes a bandgap reference and a current limiting
circuit. The S
P1086 is available in 1.5V, 1.8V, 2.5V, 3V, 3.3V, and 5.0V versions. The fixed versions integrate the
adjust resistors. It is also available in an adjustable version, which can set the output voltage with only two exter
nal
resistors. The S
P1086 series is available in standard packages of TO-263-3, TO-220, and TO-252.
Features
Low Dropout Voltage: Typical 1.3V at 1.5A
Current Limiting and Thermal Protection
Output Current: 1.5A
Current Limit: 2.3A
Operating Junction Temperature: 0 to 125oC
Line Regulation: 0.015% (Typical)
Load Regulation: 0.1% (Typical)
A
vailable in RoHS Compliant, Lead Free
Packaging
Applications
High Efficiency Linear Regulators
Battery Charger
Post Regulation for Switching Supply
Microprocessor Supply
Motherboard Power Supply
Cable and ADSL Modem
DVD-Video Player
Telecom Equipment
Set Top Boxes and Web Boxes Modules' Supply
Figure . Package Types of SP086
TO-220
TO-252
TO-263-3
TO-220
INPUT
OUTPUT
ADJ/GND
1
2
3
SP1086
Solved by
TM
1.5A Low Dropout Linear Regulator


Similar Part No. - SP1086

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
1.5A Low Dropout Linear Regulator
SP1086V-L SIPEX-SP1086V-L Datasheet
492Kb / 12P
1.5A Low Dropout Linear Regulator
SP1086V-L-1-5 SIPEX-SP1086V-L-1-5 Datasheet
492Kb / 12P
1.5A Low Dropout Linear Regulator
SP1086V-L-2-5 SIPEX-SP1086V-L-2-5 Datasheet
492Kb / 12P
1.5A Low Dropout Linear Regulator
SP1086V-L-3-0 SIPEX-SP1086V-L-3-0 Datasheet
492Kb / 12P
1.5A Low Dropout Linear Regulator
More results

Similar Description - SP1086

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
1.5A Low-Dropout Linear Regulator
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
1.5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com