Electronic Components Datasheet Search
  English  ▼

X  

SP1086 Datasheet(PDF) 7 Page - Exar Corporation

Part # SP1086
Description  1.5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP1086 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP1086 Datasheet HTML 3Page - Exar Corporation SP1086 Datasheet HTML 4Page - Exar Corporation SP1086 Datasheet HTML 5Page - Exar Corporation SP1086 Datasheet HTML 6Page - Exar Corporation SP1086 Datasheet HTML 7Page - Exar Corporation SP1086 Datasheet HTML 8Page - Exar Corporation SP1086 Datasheet HTML 9Page - Exar Corporation SP1086 Datasheet HTML 10Page - Exar Corporation SP1086 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image

Date: 2/5/06 Rev H
SP086 .5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
Figure . Adjust Pin Current vs. Temperature
Figure 0. Minimum Load Current vs. Temperature
Typical Performance characteristics (continued)
0
25
50
5
00
25
0
0
20
0
0
50
60
0
80
0
00
Ambient Temperature (
oC)
0
25
50
5
00
25
0

2


5
Ambient Temperature (
oC)
0
00
k
0k
00k
20
0
0
50
60
0
80
Frequency (Hz)
Figure . Ripple Rejection vs. Frequency
Figure 8. Short Circuit Current vs. Temperature
0
25
50
5
00
25
.00
.25
.50
.5
2.00
2.25
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com