Electronic Components Datasheet Search
  English  ▼

X  

LM49321 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM49321
Description  Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49321 Datasheet(HTML) 5 Page - Texas Instruments

  LM49321 Datasheet HTML 1Page - Texas Instruments LM49321 Datasheet HTML 2Page - Texas Instruments LM49321 Datasheet HTML 3Page - Texas Instruments LM49321 Datasheet HTML 4Page - Texas Instruments LM49321 Datasheet HTML 5Page - Texas Instruments LM49321 Datasheet HTML 6Page - Texas Instruments LM49321 Datasheet HTML 7Page - Texas Instruments LM49321 Datasheet HTML 8Page - Texas Instruments LM49321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
LM49321, LM49321RLEVAL
www.ti.com
SNAS457C – SEPTEMBER 2008 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3) (4)
Analog Supply Voltage(1)
6.0V
Digital Supply Voltage(1)
6.0V
Storage Temperature
-65°C to +150°C
Input Voltage
-0.3V to VDD +0.3V
Power Dissipation(5)
Internally Limited
ESD Ratings(6)
2000V
ESD Ratings(7)
200V
Junction Temperature (TJMAX)
150°C
Thermal Resistance
θJA (RLA36)
100°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list specified specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Soldering Information: See AN-1279 “Microfill Wafer Level Underfilled Chip Scale package" (Literature Number SNOA430)
(4)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(5)
Maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings, whichever is
lower.
(6)
Human body model, applicable std. JESD22-A114C.
(7)
Machine model, applicable std. JESD22-A115-A.
Operating Ratings
(1) (2)
Temperature Range (TMIN ≤ TA ≤ TMAX)
−40°C ≤ TA ≤ +85°C
2.7V
≤ AVDD ≤ 5.5V
2.7V
≤ DVDD ≤ 4.0V
Supply Voltage
1.7V
≤ I2C_VDD ≤ 4.0V
1.7V
≤ I/O_VDD ≤ 4.0V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list specified specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM49321 LM49321RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com