Electronic Components Datasheet Search
  English  ▼

X  

LM49321 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM49321
Description  Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49321 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM49321 Datasheet HTML 4Page - Texas Instruments LM49321 Datasheet HTML 5Page - Texas Instruments LM49321 Datasheet HTML 6Page - Texas Instruments LM49321 Datasheet HTML 7Page - Texas Instruments LM49321 Datasheet HTML 8Page - Texas Instruments LM49321 Datasheet HTML 9Page - Texas Instruments LM49321 Datasheet HTML 10Page - Texas Instruments LM49321 Datasheet HTML 11Page - Texas Instruments LM49321 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
LM49321, LM49321RLEVAL
SNAS457C – SEPTEMBER 2008 – REVISED MAY 2013
www.ti.com
Volume Control Electrical Characteristics
(1) (2)
The following specifications apply for 3.0V
≤ AVDD ≤ 5.0V and 2.7V ≤ DVDD ≤ 4.0V, unless otherwise specified. Limits apply
for TA = 25°C.
LM49321
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limits(4)
–7
dB (min)
Minimum gain setting
–6
–5
dB (max)
Stereo Analog Inputs Pre-Amp Gain
Setting Range
15.5
dB (max)
Maximum gain setting
15
14.5
dB (min)
PGR
–13
dB (min)
Minimum gain setting
–12
–11
dB (max)
Differential Mono Analog Input Pre-
Amp Gain Setting Range
9.5
dB (max)
Maximum gain setting
9
8.5
dB (min)
–59
dB (min)
Minimum gain setting
–56
Output Volume Control for
–53
dB (max)
VCR
Loudspeaker, Headphone Output, or
4.5
dB (min)
Earpiece Output
Maximum gain setting
+5
5.5
dB (max)
Stereo Channel to Channel Gain
ΔACH-CH
0.3
dB
Mismatch
VIN = 1VRMS, Gain = 0dB
AMUTE
Mute Attenuation
–90
dB
with load, Headphone
18
k
Ω (min)
DIFF+, DIFF-, LIN and RIN Input
RINPUT
23
Impedance
28
k
Ω (max)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list specified specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are ensured by test or statistical analysis.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49321 LM49321RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com