Electronic Components Datasheet Search
  English  ▼

X  

DS1221 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1221
Description  Nonvolatile Controller x 4 Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1221 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1221 Datasheet HTML 1Page - Dallas Semiconductor DS1221 Datasheet HTML 2Page - Dallas Semiconductor DS1221 Datasheet HTML 3Page - Dallas Semiconductor DS1221 Datasheet HTML 4Page - Dallas Semiconductor DS1221 Datasheet HTML 5Page - Dallas Semiconductor DS1221 Datasheet HTML 6Page - Dallas Semiconductor DS1221 Datasheet HTML 7Page - Dallas Semiconductor DS1221 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS1221
6 of 8
SECURITY OPTION
When activated by Dallas Semiconductor, the security option prevents unauthorized access. A sequence
of events must occur to gain access to the memories (Figure 3). First, a dummy read cycle or a 200 ns
active low reset pulse is executed to initialize the sequence. Second, a 64-bit access code must be
consecutively written to the DS1221 using the write enable signal ( WE ), the chip enable signal ( CE ), and
the data input/output signal (DQ). The code is written to the DS1221 without regard to the address.
Actual RAM locations are not written, as the security option is intercepting the data path until access is
granted. Instead, a special 64-bit write only register is written. Following the 64 write cycles, the register
is compared to a 64-bit pattern uniquely defined by the user and programmed into the DS1221 by Dallas
Semiconductor at the time of manufacture.
This pattern can only be interrogated by an intelligent
controller within the DS1221 and cannot be read by the user. If a read cycle occurs before 64 write cycles
are completed, the security sequence is aborted. When a correct match for 64 bits is received, the third
part of the security sequence begins by reading a 64-bit read only register. This register consists of 64 bits
also defined by the user and programmed into the DS1221 by Dallas Semiconductor at the time of
manufacture. For each of the 64 read cycles, 1 bit of the user-defined read only register is driven onto the
DQ line. This phase also requires that the 64 read cycles be consecutive. The data being read from the
read only register can be used by software to determine if the DS1221 will be permitted to be used with
that particular system. After the 64
th read cycle has been executed the DS1221 is unlocked and all
subsequent memory cycles will be passed through and will become actual memory accesses based upon
address inputs. If VCC falls below 4.5 volts or the reset line is driven low, the entire security sequence
must be executed again in order to access memory locations.
NOTE:
Contact Dallas Semiconductor sales office for code assignments.
SECURITY OPTION
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC = 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read Cycle Time
tRC
250
ns
CE
Access Time
tCO
200
ns
RD
Access Time
tOE
100
ns
CE
to Output Low Z
tCOE
10
ns
RD
to Output Low Z
tOEE
10
ns
CE
to Output High Z
tOD
100
ns
RD
to Output High Z
tODO
100
ns
Read Recovery
tRR
50
ns
Write Cycle
tWC
250
ns
Write Pulse Width
tWP
170
ns
Write Recovery
tWR
50
ns
Data Setup
tDS
100
ns
Data Hold Time
tDH
0ns
CE
Pulse Width
tCW
170
ns
Reset Pulse Width
tRST
200
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com