Electronic Components Datasheet Search
  English  ▼

X  

DS1221 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1221
Description  Nonvolatile Controller x 4 Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1221 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1221 Datasheet HTML 1Page - Dallas Semiconductor DS1221 Datasheet HTML 2Page - Dallas Semiconductor DS1221 Datasheet HTML 3Page - Dallas Semiconductor DS1221 Datasheet HTML 4Page - Dallas Semiconductor DS1221 Datasheet HTML 5Page - Dallas Semiconductor DS1221 Datasheet HTML 6Page - Dallas Semiconductor DS1221 Datasheet HTML 7Page - Dallas Semiconductor DS1221 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
111899
NOT RECOMMENDED FOR NEW DESIGNS, SEE DS1321 DATASHEET INSTEAD.
FEATURES
Converts CMOS RAMs into nonvolatile
memories
Data is automatically protected during power loss
2-to-4 decoder provides for up to 4 CMOS
RAMs
Provides for redundant batteries
Test battery condition on power-up
Full ±10% operating range
Unauthorized access can be prevented with
optional security feature
16-pin 0.3-inch DIP saves PC board space
Optional 16-pin SOIC surface mount package
Optional industrial temperature range of
-40°C to +85°C available
PIN DESCRIPTION
A, B
- Address Inputs
CE
- Chip Enable Input
CE0
- CE3
- Chip Enable Outputs
VBAT1
- + Battery 1
VBAT2
- + Battery 2
* RST
- Reset
VCCI
- +5V Supply
VCCO
- RAM Supply
* RD
- Read Inpu
* WE
- Write Input
*D/Q
- Data Input/Output
PIN ASSIGNMENT
*Used with optional security circuit only and must be connected to ground in all other cases.
DESCRIPTION
The DS1221 Nonvolatile Controller x 4 Chip is a CMOS circuit which solves the application problem of
converting CMOS RAMs into nonvolatile memories. Incoming power is monitored for an out-of-
tolerance condition.
When such a condition is detected, the chip enable outputs are inhibited to
accomplish write protection and the battery is switched on to supply RAMs with uninterrupted power. An
optional security code prevents unauthorized users from obtaining access to the memory space. The
nonvolatile controller/decoder circuitry uses a low-leakage CMOS process which affords precise voltage
detection at extremely low battery consumption. By combining the DS1221 with up to four CMOS
memories and lithium batteries, nonvolatile operation can be achieved.
DS1221
Nonvolatile Controller x 4 Chip
www.dalsemi.com
VCCO
VBAT1
*RST
A
B
*RD
*WE
GND
VCCI
VBAT2
CE0
CE2
CE3
*D/Q
CE
CE1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DS1221 16-Pin DIP (300-mil)
See Mech. Drawings Section
VCCO
VBAT1
*RST
A
B
*RD
*WE
GND
VCCI
VBAT2
CE0
CE2
CE3
*D/Q
CE
CE1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DS1221 16-Pin SOIC (300-mil)
See Mech. Drawings Section


Similar Part No. - DS1221

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1221 TTELEC-DS1221 Datasheet
623Kb / 3P
Platon Screwed Metal Tube VA Flowmeter
logo
Maxim Integrated Produc...
DS1221 MAXIM-DS1221 Datasheet
139Kb / 8P
Nonvolatile Controller x 4 Chip
111899
More results

Similar Description - DS1221

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1210 DALLAS-DS1210 Datasheet
69Kb / 6P
Nonvolatile Controller Chip
DS1211 DALLAS-DS1211 Datasheet
14Kb / 1P
Nonvolatile Controller x 8 Chip
DS1212 DALLAS-DS1212 Datasheet
85Kb / 7P
Nonvolatile Controller x 16 Chip
DS1218 DALLAS-DS1218 Datasheet
50Kb / 4P
Nonvolatile Controller
DS1210 DALLAS-DS1210_03 Datasheet
137Kb / 6P
Nonvolatile Controller Chip
logo
Maxim Integrated Produc...
DS1221 MAXIM-DS1221 Datasheet
139Kb / 8P
Nonvolatile Controller x 4 Chip
111899
DS1218 MAXIM-DS1218 Datasheet
344Kb / 7P
Nonvolatile Controller
19-6295; Rev 6/12
DS1212 MAXIM-DS1212 Datasheet
91Kb / 7P
Nonvolatile Controller x 16 Chip
111899
DS1211 MAXIM-DS1211 Datasheet
19Kb / 1P
Nonvolatile Controller x 8 Chip
111899
DS1210 MAXIM-DS1210 Datasheet
363Kb / 8P
Nonvolatile Controller Chip
19-6294; Rev 6/12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com