Electronic Components Datasheet Search
  English  ▼

X  

PCM1728E/2K Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1728E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1728E/2K Datasheet(HTML) 4 Page - Texas Instruments

  PCM1728E/2K Datasheet HTML 1Page - Texas Instruments PCM1728E/2K Datasheet HTML 2Page - Texas Instruments PCM1728E/2K Datasheet HTML 3Page - Texas Instruments PCM1728E/2K Datasheet HTML 4Page - Texas Instruments PCM1728E/2K Datasheet HTML 5Page - Texas Instruments PCM1728E/2K Datasheet HTML 6Page - Texas Instruments PCM1728E/2K Datasheet HTML 7Page - Texas Instruments PCM1728E/2K Datasheet HTML 8Page - Texas Instruments PCM1728E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
®
4
PCM1728
–60dB OUTPUT SPECTRUM
(f = 1kHz, f
S = 44.1kHz, 24-Bit Data)
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
20
2468
10
12
14
16
18
20
–60dB OUTPUT SPECTRUM
(f = 1kHz, f
S = 44.1kHz, 16-Bit Data)
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
20
2468
10
12
14
16
18
20
TYPICAL PERFORMANCE CURVES
All specifications at +25
°C, +V
CC = +VDD = +5V, fS = 44.1kHz, and 24-bit input data, SYSCLK = 384fS, unless otherwise noted.
THD+N vs SAMPLING FREQUENCY
(V
CC = VDD = 5V, 24-Bit)
Sampling Frequency f
S (kHz)
88
91
94
97
100
103
32
44.1
48
96
256fs
384fs
THD+N vs LEVEL
(f
S = 44.1kHz)
Amplitude (dB)
10
1
0.1
0.010
0.001
–20
–40
–60
–80
–100
–30
–50
–70
–90
–50
–60
–40
–30
–20
–10
0
16-Bit
24-Bit
DYNAMIC RANGE vs SAMPLING FREQUENCY
(V
CC = VDD = 5V, 24-Bit)
Sampling Frequency f
S (kHz)
110
108
106
104
102
100
32
44.1
48
96
256/384f
S
SNR vs SAMPLING FREQUENCY
(V
CC = VDD = 5V, 24-Bit)
Sampling Frequency f
S (kHz)
110
108
106
104
102
100
32
44.1
48
96
256/384f
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com