Electronic Components Datasheet Search
  English  ▼

X  

PCM1728E/2K Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1728E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1728E/2K Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1728E/2K Datasheet HTML 4Page - Texas Instruments PCM1728E/2K Datasheet HTML 5Page - Texas Instruments PCM1728E/2K Datasheet HTML 6Page - Texas Instruments PCM1728E/2K Datasheet HTML 7Page - Texas Instruments PCM1728E/2K Datasheet HTML 8Page - Texas Instruments PCM1728E/2K Datasheet HTML 9Page - Texas Instruments PCM1728E/2K Datasheet HTML 10Page - Texas Instruments PCM1728E/2K Datasheet HTML 11Page - Texas Instruments PCM1728E/2K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
®
8
PCM1728
FIGURE 5. Internal Power-On Reset Timing.
FUNCTIONAL DESCRIPTION
PCM1728 has several built-in functions including digital
input data format selection, soft mute, and digital de-empha-
sis. These functions are hardware controlled where static
control signals are used on pin 28 (I2S), pin 27 (DM1), pin 26
(DM0), pin 25 (MUTE), pin 24 (IW1), and pin23 (IW0).
DATA FORMAL SELECTION
PCM audio data format can be selected by pin 28 (I2S), pin
24 (IW1), and pin 23 (IW0), as shown in Table II.
FIGURE 6. External Forced Reset Timing.
1024 system (= XTI) clocks
Reset
Reset Removal
V
CC = VDD
Internal Reset
XTI Clock
1024 system (XTI) clocks
Reset
Reset Removal
XTI Clock
Internal Reset
RST
t
RST
(1)
NOTE: (1) t
RST = 20ns min.
IW1
IW0
I2S
AUDIO INTERFACE
0
0
0
16-Bit Standard, Right-Justified
0
1
0
20-Bit Standard, Right-Justified
1
0
0
24-Bit Standard, Right-Justified
1
1
0
24-Bit Left-Justified, MSB-First
0
0
1
16-Bit I2S
0
1
1
24-Bit I2S
1
0
1
Reserved
1
1
1
Reserved
TABLE II. Data Format Control.
SOFT MUTE
Soft Mute function can be controlled by MUTE (pin 25).
MUTE (Pin 25)
SOFT MUTE
L
Mute ON
H
Mute OFF (Normal Operation)
TABLE III. Soft Mute Control.
DE-EMPHASIS CONTROL
De-emphasis control can be selected by DM1 (pin 27) and
DM0 (pin 26).
DM1 (Pin 27)
DM0 (Pin 26)
DE-EMPHASIS
L
L
OFF
L
H
48kHz
H
L
44.1kHz
H
H
32kHz
TABLE IV. De-emphasis Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com