Electronic Components Datasheet Search
  English  ▼

X  

PCM1728E/2K Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1728E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1728E/2K Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1728E/2K Datasheet HTML 5Page - Texas Instruments PCM1728E/2K Datasheet HTML 6Page - Texas Instruments PCM1728E/2K Datasheet HTML 7Page - Texas Instruments PCM1728E/2K Datasheet HTML 8Page - Texas Instruments PCM1728E/2K Datasheet HTML 9Page - Texas Instruments PCM1728E/2K Datasheet HTML 10Page - Texas Instruments PCM1728E/2K Datasheet HTML 11Page - Texas Instruments PCM1728E/2K Datasheet HTML 12Page - Texas Instruments PCM1728E/2K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
®
9
PCM1728
the advantage of stability and clock jitter sensitivity over the
typical one-bit (2-level) delta-sigma modulator.
The combined oversampling rate of the delta-sigma modu-
lator and the internal 8-times interpolation filter is 64fS for
all system clock ratios (256/384/512/768fS).
The theoretical quantization noise performance of the
8-level delta-sigma modulator is shown in Figure 8. This
enhanced multi-level delta-sigma architecture also has ad-
vantages for input clock jitter sensitivity due to the multi-
level quantizer, simulated jitter sensitivity is shown in
Figure 9.
+
Z–1
8-Level Quantizer
+
Z–1
+
Z–1
–
+
Z–1
+
+
FIGURE 7. 8-Level Delta-Sigma Modulator.
01
2
3
4
5
6
7
8
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
Frequency (f
S)
FIGURE 8. Quantization Noise Spectrum.
0
100
200
300
400
500
600
125
120
115
110
105
100
95
90
85
80
Jitter (ps)
CLOCK JITTER
FIGURE 9. Jitter Sensitivity.
THEORY OF OPERATION
The delta-sigma section of PCM1728 is based on an 8-level
amplitude quantizer and a 4th-order noise shaper. This
section converts the oversampled input data to 8-level delta-
sigma format.
This newly developed, “Enhanced Multi-level Delta-Sigma”
architecture achieves high-grade audio dynamic performance
and sound quality.
A block diagram of the 8-level delta-sigma modulator is
shown in Figure 7. This 8-level delta-sigma modulator has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com