Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/3K Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA169NA/3K
Description  High-Side Measurement CURRENT SHUNT MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA169NA/3K Datasheet(HTML) 5 Page - Texas Instruments

  INA169NA/3K Datasheet HTML 1Page - Texas Instruments INA169NA/3K Datasheet HTML 2Page - Texas Instruments INA169NA/3K Datasheet HTML 3Page - Texas Instruments INA169NA/3K Datasheet HTML 4Page - Texas Instruments INA169NA/3K Datasheet HTML 5Page - Texas Instruments INA169NA/3K Datasheet HTML 6Page - Texas Instruments INA169NA/3K Datasheet HTML 7Page - Texas Instruments INA169NA/3K Datasheet HTML 8Page - Texas Instruments INA169NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
INA139, INA169
5
SBOS181C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, V+ = 5V, VIN+ = 12V, and RL = 25kΩ, unless otherwise noted.
STEP RESPONSE
20
µs/div
1.5V
G = 100
0.5V
1V
G = 100
0V
STEP RESPONSE
10
µs/div
1V
G = 50
0V
2V
G = 10
0V
OPERATION
Figure 1 shows the basic circuit diagram for both the INA139
and the INA169. Load current, IS, is drawn from the supply,
VS, through the shunt resistor, RS. The voltage drop in the
shunt resistor, VS, is forced across RG1 by the internal op
amp, causing current to flow into the collector of Q1. The
external resistor, RL, converts the output current to a voltage,
VOUT, at the OUT pin.
The transfer function for the INA139 is:
IO = gm (VIN+) – (VIN–)
(1)
where gm = 1000µA/V
(2)
In the circuit of Figure 1, the input voltage, (VIN+) – (VIN–), is
equal to IS • RS and the output voltage, VOUT, is equal to
IO • RL. The transconductance, gm, of the INA139 is
1000
µA/V. The complete transfer function for the current
measurement amplifier in this application is:
VOUT = (IS) (RS) (1000µA/V) (RL)
(3)
FIGURE 1. Basic Circuit Connections.
VOLTAGE GAIN
EXACT RL (Ω)
NEAREST 1% RL (Ω)
11k
1k
22k
2k
5
5k
4.99k
10
10k
10k
20
20k
20k
50
50k
49k
100
100k
100k
Shunt
R
S
INA139
2
1
OUT
Q1
R
L
I
O
+
V
O
–
Load
R
G1
1k
Ω
R
G2
1k
Ω
V
IN+
V
IN–
3
4
I
S
V+
5
NOTE: (1) Maximum V
P and V+ voltage is 60V with the INA169.
V+ power can be
common or
indepedent of
load supply.
2.7V
≤ (V+) ≤ 40V(1)
V
P
Load Power Supply
+2.7V to 40V(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com