Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/3K Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA169NA/3K
Description  High-Side Measurement CURRENT SHUNT MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA169NA/3K Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA169NA/3K Datasheet HTML 3Page - Texas Instruments INA169NA/3K Datasheet HTML 4Page - Texas Instruments INA169NA/3K Datasheet HTML 5Page - Texas Instruments INA169NA/3K Datasheet HTML 6Page - Texas Instruments INA169NA/3K Datasheet HTML 7Page - Texas Instruments INA169NA/3K Datasheet HTML 8Page - Texas Instruments INA169NA/3K Datasheet HTML 9Page - Texas Instruments INA169NA/3K Datasheet HTML 10Page - Texas Instruments INA169NA/3K Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
INA139, INA169
8
SBOS181C
www.ti.com
FIGURE 6. Bipolar Current Measurement Using a Differential Input of the A/D Converter.
FIGURE 7. Multiplexed Measurement Using Logic Signal for Power.
INA169
INA169
Other INA169s
––
––
1N4148
Digital I/O on the ADS7870 provides power to
select the desired INA169. Diodes prevent
output current of an “on” INA169 from flowing
into an “off” INA169.
REF
V+
V+
R
L
Serial
I/O
ADS7870
Clock
Divider
Oscillator
BUF
OUT
BUF
IN
REF
OUT
12-Bit
A/D
Converter
BUF
MUX
Digital
I/O
PGIA
+5V
REF
Serial
I/O
ADS7870
Clock
Divider
Oscillator
BUF
OUT
BUF
IN
REF
OUT
12-Bit
A/D
Converter
BUF
MUX
Digital
I/O
PGIA
+5V
1
2
+5V
5
4
3
1
2
+5V
5
4
3
R
S
RL
25k
Ω
RL
25k
Ω
V+
INA139
INA139
The A/D converter is programmed for differential input.
Depending on the polarity of the current, one INA139 provides
an output voltage whereas the other’s output is zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com