Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/3K Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA169NA/3K
Description  High-Side Measurement CURRENT SHUNT MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA169NA/3K Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA169NA/3K Datasheet HTML 2Page - Texas Instruments INA169NA/3K Datasheet HTML 3Page - Texas Instruments INA169NA/3K Datasheet HTML 4Page - Texas Instruments INA169NA/3K Datasheet HTML 5Page - Texas Instruments INA169NA/3K Datasheet HTML 6Page - Texas Instruments INA169NA/3K Datasheet HTML 7Page - Texas Instruments INA169NA/3K Datasheet HTML 8Page - Texas Instruments INA169NA/3K Datasheet HTML 9Page - Texas Instruments INA169NA/3K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
INA139, INA169
6
SBOS181C
www.ti.com
FIGURE 2. Buffering Output to Drive the A/D Converter.
FIGURE 3. Output Filter.
I
S
OPA340
INA139
3
4
Z
IN
R
L
Buffer of amp drives the A/D converter
without affecting gain.
INA139
f
–3dB =
1
2
πR
LCL
V
O
f
–3dB
R
L
C
L
3
4
The maximum differential input voltage for accurate mea-
surements is 0.5V, which produces a 500
µA output current.
A differential input voltage of up to 2V will not cause damage.
Differential measurements (pins 3 and 4) must be unipolar
with a more-positive voltage applied to pin 3. If a more-
negative voltage is applied to pin 3, the output current (IO) is
zero, but will not cause damage.
BASIC CONNECTION
Figure 1 shows the basic connection of the INA139. The
input pins, VIN+ and VIN– , must be connected as closely as
possible to the shunt resistor to minimize any resistance in
series with the shunt resistance. The output resistor, RL, is
shown connected between pin 1 and ground. Best accuracy
is achieved with the output voltage measured directly across
RL. This is especially important in high-current systems
where load current can flow in the ground connections,
affecting the measurement accuracy.
No power-supply bypass capacitors are required for stability
of the INA139. However, applications with noisy or high-
impedance power supplies can require decoupling capaci-
tors to reject power-supply noise; connect the bypass capaci-
tors close to the device pins.
POWER SUPPLIES
The input circuitry of the INA139 can accurately measure
beyond its power-supply voltage, V+. For example, the V+
power supply can be 5V whereas the load power-supply
voltage is up to +36V (or +60V with the INA169). However,
the output voltage range of the OUT terminal (pin 1) is limited
by the lesser of the two voltages (see the Output Voltage
Range section).
SELECTING RS AND RL
The value chosen for the shunt resistor, RS, depends on the
application and is a compromise between small-signal accu-
racy and maximum permissible voltage loss in the measure-
ment line. High values of RS provide better accuracy at lower
currents by minimizing the effects of offset, whereas low
values of RS minimize voltage loss in the supply line. For most
applications, best performance is attained with an RS value
that provides a full-scale shunt voltage of 50mV to 100mV;
maximum input voltage for accurate measurements is 500mV.
RL is chosen to provide the desired full-scale output voltage.
The output impedance of the INA139 OUT terminal is very
high, which permits using values of RL up to 100kΩ with
excellent accuracy. The input impedance of any additional
circuitry at the output must be much higher than the value of
RL to avoid degrading accuracy.
Some Analog-to-Digital (A/D) converters have input imped-
ances that will significantly affect measurement gain. The input
impedance of the A/D converter can be included as part of the
effective RL if its input can be modeled as a resistor to ground.
Alternatively, an op amp can be used to buffer the A/D
converter input, as shown in Figure 2, see Figure 1 for
recommended values of RL.
OUTPUT VOLTAGE RANGE
The output of the INA139 is a current that is converted to a
voltage by the load resistor, RL. The output current remains
accurate within the
compliance voltage range of the output
circuitry. The shunt voltage and the input common-mode and
power-supply voltages limit the maximum possible output
swing. The maximum output voltage compliance is limited by
the lower of the two equations below:
VOUT MAX = (V+) – 0.7V – (VIN+ – VIN–)
(4)
or
VOUT MAX = (VIN–) – 0.5V
(5)
(whichever is lower)
BANDWIDTH
Measurement bandwidth is affected by the value of the load
resistor, RL. High gain produced by high values of RL will
yield a narrower measurement bandwidth (see the Typical
Characteristics). For widest possible bandwidth, keep the
capacitive load on the output to a minimum.
If bandwidth limiting (filtering) is desired, a capacitor can be
added to the output, as shown in Figure 3, which will not
cause instability.
APPLICATIONS
The INA139 is designed for current shunt measurement
circuits (see Figure 1), but its basic function is useful in a
wide range of circuitry. A creative engineer will find many
unforeseen uses in measurement and level shifting circuits.
A few ideas are illustrated in Figures 4 through 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com