Electronic Components Datasheet Search
  English  ▼

X  

SN54AS181B Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54AS181B
Description  ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AS181B Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54AS181B Datasheet HTML 4Page - Texas Instruments SN54AS181B Datasheet HTML 5Page - Texas Instruments SN54AS181B Datasheet HTML 6Page - Texas Instruments SN54AS181B Datasheet HTML 7Page - Texas Instruments SN54AS181B Datasheet HTML 8Page - Texas Instruments SN54AS181B Datasheet HTML 9Page - Texas Instruments SN54AS181B Datasheet HTML 10Page - Texas Instruments SN54AS181B Datasheet HTML 11Page - Texas Instruments SN54AS181B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SN54AS181B, SN74AS181A
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SDAS209B – DECEMBER 1982 – REVISED DECEMBER 1994
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS181B
SN74AS181A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VOH
Any output except A = B
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
VCC –2
V
VOH
G
VCC = 4.5 V,
IOH = – 3 mA
2.4
3.4
2.4
3.4
V
VOL
Any output except G
VCC =4 5V
IOL = 20 mA
0.3
0.5
0.3
0.5
V
VOL
G
VCC = 4.5 V
IOL = 48 mA
0.4
0.5
0.4
0.5
V
IOH
A = B
VCC = 4.5 V,
VOH = 5.5 V
0.1
0.1
mA
M
0.1
0.1
II
Any A or B
VCC =5 5V
VI =7V
0.3
0.3
mA
II
Any S
VCC = 5.5 V,
VI = 7 V
0.4
0.4
mA
Cn
0.6
0.6
M
20
20
IIH
Any A or B
VCC =5 5V
VI =2 7V
60
60
µA
IIH
Any S
VCC = 5.5 V,
VI = 2.7 V
80
80
µA
Cn
120
120
M
– 0.5
–2
IIL
Any A or B
VCC =5 5V
VI =0 4V
– 1.5
–6
mA
IIL
Any S
VCC = 5.5 V,
VI = 0.4 V
–2
–8
mA
Cn
–3
–12
IO‡
All outputs except A = B
and G
VCC = 5.5 V,
VO = 2.25 V
–30
–45
–112
–30
–45
–112
mA
O
G
CC
,
O
–30
– 125
–30
– 125
ICC
VCC = 5.5 V
74
117
135
200
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com