Electronic Components Datasheet Search
  English  ▼

X  

SN54AS181B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54AS181B
Description  ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AS181B Datasheet(HTML) 1 Page - Texas Instruments

  SN54AS181B Datasheet HTML 1Page - Texas Instruments SN54AS181B Datasheet HTML 2Page - Texas Instruments SN54AS181B Datasheet HTML 3Page - Texas Instruments SN54AS181B Datasheet HTML 4Page - Texas Instruments SN54AS181B Datasheet HTML 5Page - Texas Instruments SN54AS181B Datasheet HTML 6Page - Texas Instruments SN54AS181B Datasheet HTML 7Page - Texas Instruments SN54AS181B Datasheet HTML 8Page - Texas Instruments SN54AS181B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54AS181B . . . JT OR JW PACKAGE
SN74AS181A ...N OR NT PACKAGE
(TOP VIEW)
SN54AS181B . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
B0
A0
S3
S2
S1
S0
Cn
M
F0
F1
F2
GND
VCC
A1
B1
A2
B2
A3
B3
G
Cn + 4
P
A = B
F3
NC – No internal connection
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
A2
B2
A3
NC
B3
G
Cn + 4
S2
S1
S0
NC
Cn
M
F0
426
14 15 16 17 18
SN54AS181B, SN74AS181A
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SDAS209B – DECEMBER 1982 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Full Look Ahead for High-Speed Operations
on Long Words
• Arithmetic Operating Modes:
– Addition
– Subtraction
– Shift Operand A One Position
– Magnitude Comparison
– Twelve Other Arithmetic Operations
• Logic Function Modes:
– Exclusive-OR
– Comparator
– AND, NAND, OR, NOR
• Package Options Include Plastic
Small-Outline (N) Packages, Ceramic (FK)
Chip Carriers, Standard Plastic (NT) and
Ceramic (JT) 300-mil DIPs, and Ceramic
(JW) 600-mil DIPs
description
The SN54AS181B and SN74AS181A arithmetic
logic units (ALUs) / function generators have a
complexity of 75 equivalent gates on a monolithic
chip. These circuits perform 16 binary arithmetic
operations on two 4-bit words as shown in
Tables 1 and 2. These operations are selected by
the four function-select (S0, S1, S2, and S3) lines
and include addition, subtraction, decrement, and
straight transfer. When performing arithmetic
manipulations, the internal carries are enabled by
applying a low-level voltage to the mode-control
(M) input. A full carry look-ahead scheme is used
to generate fast, simultaneous carry by means of
two cascade (G and P) outputs for the four bits in
the package.
If high speed is not important, a ripple-carry (Cn) input and a ripple-carry (Cn + 4) output are available. The
ripple-carry delay is minimized so that arithmetic manipulations for small word lengths can be performed without
external circuitry.
The SN54AS181B and SN74AS181A accommodate active-high or active-low data if the pin designations are
interpreted as follows:
PIN NUMBER
2
1
23
22
21
20
19
18
9
10
11
13
7
16
15
17
Active-low data (Table 1)
A0
B0
A1
B1
A2
B2
A3
B3
F0
F1
F2
F3
Cn
Cn + 4
P
G
Active-high data (Table 2)
A0
B0
A1
B1
A2
B2
A3
B3
F0
F1
F2
F3
Cn
Cn + 4
X
Y
Subtraction is accomplished by 1’s complement addition where the 1’s complement of the subtrahend is
generated internally. The resultant output is A-B-1, which requires an end-around or forced carry to provide A-B.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54AS181B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS181B TI-SN54AS181B Datasheet
231Kb / 13P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54AS181B TI-SN54AS181B Datasheet
1Mb / 21P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54AS181BFK TI-SN54AS181BFK Datasheet
231Kb / 13P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54AS181BJT TI-SN54AS181BJT Datasheet
231Kb / 13P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54AS181BJW TI-SN54AS181BJW Datasheet
231Kb / 13P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
More results

Similar Description - SN54AS181B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Oct-1993
logo
Texas Instruments
SN54AS181B TI-SN54AS181B Datasheet
231Kb / 13P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS181 TI-SN54LS181 Datasheet
677Kb / 18P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS381A TI-SN54LS381A Datasheet
376Kb / 9P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
Texas Instruments
SN74AS881A TI-SN74AS881A Datasheet
1Mb / 21P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
MM54HC181 NSC-MM54HC181 Datasheet
158Kb / 10P
Arithmetic Logic Units/Function Generators
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
SN54LS181 TI1-SN54LS181_15 Datasheet
601Kb / 16P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com