Electronic Components Datasheet Search
  English  ▼

X  

SN54AS181B Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54AS181B
Description  ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AS181B Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54AS181B Datasheet HTML 5Page - Texas Instruments SN54AS181B Datasheet HTML 6Page - Texas Instruments SN54AS181B Datasheet HTML 7Page - Texas Instruments SN54AS181B Datasheet HTML 8Page - Texas Instruments SN54AS181B Datasheet HTML 9Page - Texas Instruments SN54AS181B Datasheet HTML 10Page - Texas Instruments SN54AS181B Datasheet HTML 11Page - Texas Instruments SN54AS181B Datasheet HTML 12Page - Texas Instruments SN54AS181B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SN54AS181B, SN74AS181A
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SDAS209B – DECEMBER 1982 – REVISED DECEMBER 1994
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS†
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX‡
UNIT
(INPUT)
(OUTPUT)
SN54AS181B
SN74AS181A
MIN
MAX
MIN
MAX
tPLH
C
C
3
9
2
9
ns
tPHL
Cn
Cn + 4
2
7
2
9
ns
tPLH
An A or B
C
M = 0, S1 = S2 = 0,
2
16
2
12
ns
tPHL
Any A or B
Cn + 4
,,
S0 = S3 = 4.5 V (SUM mode)
2
14
2
12
ns
tPLH
An A or B
C
M = 0, S1 = S3 = 0,
3
18
4
16
ns
tPHL
Any A or B
Cn + 4
,,
S1 = S2 = 4.5 V (DIFF mode)
3
14.5
2
16
ns
tPLH
C
An F
M
0 (SUM or DIFF mode)
3
10.5
3
9
ns
tPHL
Cn
Any F
M = 0 (SUM or DIFF mode)
3
10
3
9
ns
tPLH
An A or B
G
M = 0, S1 = S2 = 0,
3
9.5
2
8
ns
tPHL
Any A or B
G
,,
S0 = S3 = 4.5 V (SUM mode)
2
7
2
7
ns
tPLH
An A or B
G
M = 0, S1 = S3 = 0,
3
12
2
9.5
ns
tPHL
Any A or B
G
,,
S1 = S2 = 4.5 V (DIFF mode)
2
9
2
9
ns
tPLH
An A or B
P
M = 0, S1 = S2 = 0,
3
9.5
2
8
ns
tPHL
Any A or B
P
,,
S0 = S3 = 4.5 V (SUM mode)
2
7.5
2
8
ns
tPLH
An A or B
P
M = 0, S1 = S3 = 0,
3
12
2
10
ns
tPHL
Any A or B
P
,,
S1 = S2 = 4.5 V (DIFF mode)
3
8.5
2
10
ns
tPLH
AiorBi
Fi
M = 0, S1 = S2 = 0,
3
11
2
9.5
ns
tPHL
Ai or Bi
Fi
,,
S0 = S3 = 4.5 V (SUM mode)
3
9
2
8
ns
tPLH
AiorBi
Fi
M = 0, S1 = S3 = 0,
3
13.5
2
10.5
ns
tPHL
Ai or Bi
Fi
,,
S1 = S2 = 4.5 V (DIFF mode)
3
11
2
10
ns
tPLH
AiorBi
Fi
M
4 5 V (LOGIC mode)
3
16
2
11
ns
tPHL
Ai or Bi
Fi
M = 4.5 V (LOGIC mode)
3
10
2
11
ns
tPLH
Any A or B
AB
M = 0, S1 = S3 = 0,
2
19
4
21
ns
tPHL
Any A or B
A = B
,,
S1 = S2 = 4.5 V (DIFF mode)
3
22
4
21
ns
† Refer to the parameter measurement information tables for the SUM-, DIFF-, and LOGIC-mode test tables.
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com