Electronic Components Datasheet Search
  English  ▼

X  

DS1488 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1488
Description  Quad Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1488 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS1488 Datasheet HTML 1Page - National Semiconductor (TI) DS1488 Datasheet HTML 2Page - National Semiconductor (TI) DS1488 Datasheet HTML 3Page - National Semiconductor (TI) DS1488 Datasheet HTML 4Page - National Semiconductor (TI) DS1488 Datasheet HTML 5Page - National Semiconductor (TI) DS1488 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Applications
By connecting a capacitor to each driver output the slew
rate can be controlled utilizing the output current limiting
characteristics of the DS1488. For a set slew rate the ap-
propriate capacitor value may be calculated using the fol-
lowing relationship
C = I
SC (∆T/∆V)
where C is the required capacitor, I
SC is the short circuit
current value, and
∆V/∆T is the slew rate.
RS-232C specifies that the output slew rate must not ex-
ceed 30V per microsecond. Using the worst case output
short circuit current of 12 mA in the above equation, calcu-
lations result in a required capacitor of 400 pF connected
to each output.
See Typical Performance Characteristics.
Typical Applications
RS-232C Data Transmission
DS005776-3
Note 5: Optional for noise filtering
DTL/TTL-to-MOS Translator
DS005776-4
DTL/TTL-to-HTL Translator
DS005776-5
DTL/TTL-to-RTL Translator
DS005776-6
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com