Electronic Components Datasheet Search
  English  ▼

X  

DS1488 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1488
Description  Quad Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1488 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS1488 Datasheet HTML 1Page - National Semiconductor (TI) DS1488 Datasheet HTML 2Page - National Semiconductor (TI) DS1488 Datasheet HTML 3Page - National Semiconductor (TI) DS1488 Datasheet HTML 4Page - National Semiconductor (TI) DS1488 Datasheet HTML 5Page - National Semiconductor (TI) DS1488 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
V
+
+15V
V
−
−15V
Input Voltage (V
IN)
−15V
≤ V
IN ≤
7.0V
Output Voltage
±15V
Operating Temperature Range
0˚C to +75˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Power Dissipation (Note 1) at 25˚C
Molded DIP Package
1280 mW
SO Package
974 mW
Lead Temperature (Soldering, 4
sec.)
260˚C
Note 1: Derate molded DIP package 10.2 mW/˚C above 25˚C; derate SO
package 7.8 mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
V
CC+ = 9V, VCC− = −9V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
IL
Logical “0” Input Current
V
IN = 0V
−0.8
−1.3
mA
I
IH
Logical “1” Input Current
V
IN = +5.0V
0.005
10.0
µA
V
OH
High Level Output Voltage
R
L = 3.0 kΩ,V
+ = 9.0V, V− = −9.0V
6.0
7.1
V
V
IN = 0.8V
V
+ = 13.2V, V− = −13.2V
9.0
10.7
V
V
OL
Low Level Output Voltage
R
L = 3.0 kΩ,V
+ = 9.0V, V− = −9.0V
−6.0
7.0
V
V
IN = 1.9V
V
+ = 13.2V, V− = −13.2V
−9.0
−10.6
V
I
OS+
High Level Output
V
OUT = 0V, VIN = 0.8V
−6.0
−10.0
−12.0
mA
Short-Circuit Current
I
OS−
Low Level Output
V
OUT = 0V, VIN = 1.9V
6.0
10.0
12.0
mA
Short-Circuit Current
R
OUT
Output Resistance
V
+ = V− = 0V, V
OUT = ±2V
300
Ω
I
CC+
Positive Supply Current
V
IN = 1.9V
V
+ = 9.0V, V− = −9.0V
11.6
20.0
mA
(Output Open)
V
+ = 12V, V− = −12V
15.7
25.0
mA
V
+ = 15V, V− = −15V
19.4
34.0
mA
V
IN = 0.8V
V
+ = 9.0V, V− = −9.0V
3.4
6.0
mA
V
+ = 12V, V− = −12V
4.1
7.0
mA
V
+ = 15V, V− = −15V
9.1
12.0
mA
I
CC−
Negative Supply Current
V
IN = 1.9V
V
+ = 9.0V, V− = −9.0V
−10.8
−17.0
mA
(Output Open)
V
+ = 12V, V− = −12V
−14.6
−23.0
mA
V
+ = 15V, V− = −15V
−18.3
−34.0
mA
V
IN = 0.8V
V
+ = 9.0V, V− = −9.0V
−0.001
−0.100
mA
V
+ = 12V, V− = −12V
−0.001
−0.100
mA
V
+ = 15V, V− = −15V
−0.01
−2.5
mA
P
d
Power Dissipation
V
+ = 9.0V, V− = −9.0V
252
333
mW
V
+ = 12V, V− = −12V
444
576
mW
Switching Characteristics
(V
CC = 9V, VEE = −9V, TA = 25˚C)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
pd1
Propagation Delay to a Logical “1”
R
L = 3.0 kΩ,CL = 15 pF, TA = 25˚C
187
350
ns
t
pd0
Propagation Delay to a Logical “0”
R
L = 3.0 kΩ,CL = 15 pF, TA = 25˚C
45
175
ns
t
r
Rise Time
R
L = 3.0 kΩ,CL = 15 pF, TA = 25˚C
63
100
ns
t
f
Fall Time
R
L = 3.0 kΩ,CL = 15 pF, TA = 25˚C
33
75
ns
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range” they
are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the 0˚C to +75˚C temperature range for the DS1488.
Note 4: All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com