Electronic Components Datasheet Search
  English  ▼

X  

DS1488 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1488
Description  Quad Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1488 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS1488 Datasheet HTML 1Page - National Semiconductor (TI) DS1488 Datasheet HTML 2Page - National Semiconductor (TI) DS1488 Datasheet HTML 3Page - National Semiconductor (TI) DS1488 Datasheet HTML 4Page - National Semiconductor (TI) DS1488 Datasheet HTML 5Page - National Semiconductor (TI) DS1488 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Load Circuit and Switching Time Waveforms
Typical Performance Characteristics T
A=+25˚C unless otherwise noted
DS005776-7
*CL includes probe and jig capacitance.
DS005776-8
tr and tf are measured between 10%
and 90% of the output waveform.
DS005776-9
FIGURE 1. Transfer Characteristics
vs Power Supply Voltage
DS005776-10
FIGURE 2. Short-Circuit Output
Current vs Temperature
DS005776-11
FIGURE 3. Output Slew Rate vs
Load Capacitance
DS005776-12
FIGURE 4. Output Voltage and
Current-Limiting Characteristics
www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com