Electronic Components Datasheet Search
  English  ▼

X  

LM56 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM56
Description  Dual Output Low Power Thermostat
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM56 Datasheet(HTML) 2 Page - Texas Instruments

  LM56 Datasheet HTML 1Page - Texas Instruments LM56 Datasheet HTML 2Page - Texas Instruments LM56 Datasheet HTML 3Page - Texas Instruments LM56 Datasheet HTML 4Page - Texas Instruments LM56 Datasheet HTML 5Page - Texas Instruments LM56 Datasheet HTML 6Page - Texas Instruments LM56 Datasheet HTML 7Page - Texas Instruments LM56 Datasheet HTML 8Page - Texas Instruments LM56 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM56
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
www.ti.com
Simplified Block Diagram and Connection Diagram
Block Diagram
Typical Application
VT1 = 1.250V x (R1)/(R1 + R2 + R3)
VT2 = 1.250V x (R1 + R2)/(R1 + R2 + R3)
where:
(R1 + R2 + R3) = 27 k
Ω and
VT1 or T2 = [6.20 mV/°C x T] + 395 mV therefore:
R1 = VT1/(1.25V) x 27 kΩ
R2 = (VT2/(1.25V) x 27 kΩ) − R1
R3 = 27 k
Ω − R1 − R2
Figure 1. Microprocessor Thermal Management
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com