Electronic Components Datasheet Search
  English  ▼

X  

LM56 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM56
Description  Dual Output Low Power Thermostat
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM56 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM56 Datasheet HTML 7Page - Texas Instruments LM56 Datasheet HTML 8Page - Texas Instruments LM56 Datasheet HTML 9Page - Texas Instruments LM56 Datasheet HTML 10Page - Texas Instruments LM56 Datasheet HTML 11Page - Texas Instruments LM56 Datasheet HTML 12Page - Texas Instruments LM56 Datasheet HTML 13Page - Texas Instruments LM56 Datasheet HTML 14Page - Texas Instruments LM56 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM56
www.ti.com
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
VREF AND VTEMP CAPACITIVE LOADING
Figure 16. Loading of VREF and VTEMP
The LM56 VREF and VTEMP outputs handle capacitive loading well. Without any special precautions, these outputs
can drive any capacitive load as shown in Figure 16.
NOISY ENVIRONMENTS
Over the specified temperature range the LM56 VTEMPoutput has a maximum output impedance of 1500Ω. In an
extremely noisy environment it may be necessary to add some filtering to minimize noise pickup. It is
recommended that 0.1
μF be added from V+ to GND to bypass the power supply voltage, as shown in Figure 16.
In a noisy environment it may be necessary to add a capacitor from the VTEMP output to ground. A 1 μF output
capacitor with the 1500
Ω output impedance will form a 106 Hz lowpass filter. Since the thermal time constant of
the VTEMP output is much slower than the 9.4 ms time constant formed by the RC, the overall response time of
the VTEMP output will not be significantly affected. For much larger capacitors this additional time lag will increase
the overall response time of the LM56.
APPLICATIONS CIRCUITS
Figure 17. Reducing Errors Caused by Bias Current
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com