Electronic Components Datasheet Search
  English  ▼

X  

LM56 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM56
Description  Dual Output Low Power Thermostat
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM56 Datasheet(HTML) 1 Page - Texas Instruments

  LM56 Datasheet HTML 1Page - Texas Instruments LM56 Datasheet HTML 2Page - Texas Instruments LM56 Datasheet HTML 3Page - Texas Instruments LM56 Datasheet HTML 4Page - Texas Instruments LM56 Datasheet HTML 5Page - Texas Instruments LM56 Datasheet HTML 6Page - Texas Instruments LM56 Datasheet HTML 7Page - Texas Instruments LM56 Datasheet HTML 8Page - Texas Instruments LM56 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM56
www.ti.com
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
LM56 Dual Output Low Power Thermostat
Check for Samples: LM56
1
FEATURES
DESCRIPTION
The LM56 is a precision low power thermostat. Two
2
•
Digital Outputs Support TTL Logic Levels
stable temperature trip points (VT1 and VT2) are
•
Internal Temperature Sensor
generated
by
dividing
down
the
LM56
1.250V
•
2 Internal Comparators with Hysteresis
bandgap voltage reference using 3 external resistors.
The LM56 has two digital outputs. OUT1 goes LOW
•
Internal Voltage Reference
when the temperature exceeds T1 and goes HIGH
•
Available in 8-pin SOIC and VSSOP Packages
when the the temperature goes below (T1–THYST).
Similarly, OUT2 goes LOW when the temperature
APPLICATIONS
exceeds T2 and goes HIGH when the temperature
goes below (T2–THYST). THYST is an internally set 5°C
•
Microprocessor Thermal Management
typical hysteresis.
•
Appliances
The LM56 is available in an 8-lead VSSOP surface
•
Portable Battery Powered 3.0V or 5V Systems
mount package and an 8-lead SOIC.
•
Fan Control
•
Industrial Process Control
•
HVAC Systems
•
Remote Temperature Sensing
•
Electronic System Protection
Table 1. Key Specifications
VALUE
UNIT
Power Supply Voltage
2.7V–10
V
Power Supply Current
230
μA (max)
VREF
1.250
V ±1% (max)
Hysteresis Temperature
5
°C
(+6.20 mV/°C x T) +
Internal Temperature Sensor Output Voltage
mV
395 mV
Table 2. Temperature Trip Point Accuracy
LM56BIM
LM56CIM
+25°C
±2°C (max)
±3°C (max)
+25°C to +85°C
±2°C (max)
±3°C (max)
−40°C to +125°C
±3°C (max)
±4°C (max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM56 NSC-LM56 Datasheet
370Kb / 13P
Dual Output Low Power Thermostat
LM56 NSC-LM56 Datasheet
791Kb / 13P
Dual Output Low Power Thermostat
logo
Texas Instruments
LM56 TI-LM56 Datasheet
1Mb / 21P
LM56 Dual Output Low Power Thermostat
LM56 TI2-LM56 Datasheet
978Kb / 26P
LM56 Dual Output Low Power Thermostat
REVISED FEBRUARY 2013
logo
Seoul Semiconductor
LM560 SEOUL-LM560 Datasheet
468Kb / 12P
WARM WHITE LAMP LED
More results

Similar Description - LM56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM56 NSC-LM56 Datasheet
370Kb / 13P
Dual Output Low Power Thermostat
LM66 NSC-LM66 Datasheet
62Kb / 5P
Dual Output Internally Preset Thermostat
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
LOW POWER THERMOSTAT
logo
National Semiconductor ...
LM56 NSC-LM56_06 Datasheet
791Kb / 13P
Dual Output Low Power Thermostat
logo
Rohm
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
Low current Thermostat Output Temperature Sensor ICs
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
Low current Thermostat Output Temperature Sensor ICs
logo
Texas Instruments
LM56BIMX TI-LM56BIMX Datasheet
1Mb / 21P
LM56 Dual Output Low Power Thermostat
LM56 TI-LM56_15 Datasheet
1Mb / 22P
LM56 Dual Output Low Power Thermostat
logo
Rohm
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com