Electronic Components Datasheet Search
  English  ▼

X  

LM57 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM57
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM57 Datasheet HTML 7Page - Texas Instruments LM57 Datasheet HTML 8Page - Texas Instruments LM57 Datasheet HTML 9Page - Texas Instruments LM57 Datasheet HTML 10Page - Texas Instruments LM57 Datasheet HTML 11Page - Texas Instruments LM57 Datasheet HTML 12Page - Texas Instruments LM57 Datasheet HTML 13Page - Texas Instruments LM57 Datasheet HTML 14Page - Texas Instruments LM57 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
±50
±25
0
25
50
75
100
125
150
DUT Temperature (
ƒC)
C102
MAX LImit
MIN Limit
-1
1
3
5
7
9
0
1
2
3
0
1
2
3
TIME (ms)
Tover
|
|
0
2
4
6
8
Vtemp
-50
-10
30
70
110
150
4.9
5.0
5.1
5.2
9.9
10.0
10.1
10.2
TEMPERATURE (
oC)
HYST J4
|
|
-30
10
50
90
130
HYST J5
HYST J2
HYST J3
HYST J2
HYST J3
HYST J4
HYST J5
LM57
www.ti.com
SNIS152E – MAY 2009 – REVISED JULY 2015
Typical Characteristics (continued)
Figure 9. Start-Up Response
Figure 10. Hysteresis vs Temperature
Conditions: J2, VDD=5V
Figure 11. J2 Accuracy Specification Over Temperature
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com