Electronic Components Datasheet Search
  English  ▼

X  

LM57 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM57
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM57 Datasheet HTML 10Page - Texas Instruments LM57 Datasheet HTML 11Page - Texas Instruments LM57 Datasheet HTML 12Page - Texas Instruments LM57 Datasheet HTML 13Page - Texas Instruments LM57 Datasheet HTML 14Page - Texas Instruments LM57 Datasheet HTML 15Page - Texas Instruments LM57 Datasheet HTML 16Page - Texas Instruments LM57 Datasheet HTML 17Page - Texas Instruments LM57 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LM57
SNIS152E – MAY 2009 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
Table 1. LM57 VTEMP Temperature to Voltage
(1) (continued)
VTEMP VOLTAGE (mV)
Temperature (°C)
J2 (-5.166 mV/°C)
J3 (–7.752 mV/°C)
J4 (–10.339 mV/°C)
J5 (–12.924 mV/°C)
–33
1267.88
1901.66
2535.60
3169.37
–32
1262.88
1894.15
2525.58
3156.84
–31
1257.87
1886.63
2515.56
3144.30
–30
1252.86
1879.11
2505.52
3131.76
–29
1247.85
1871.59
2495.49
3119.21
–28
1242.84
1864.06
2485.44
3106.66
–27
1237.82
1856.53
2475.40
3094.10
–26
1232.80
1848.99
2465.34
3081.53
–25
1227.78
1841.45
2455.29
3068.96
–24
1222.75
1833.91
2445.23
3056.38
–23
1217.73
1826.36
2435.16
3043.79
–22
1212.70
1818.81
2425.09
3031.20
–21
1207.67
1811.26
2415.01
3018.60
–20
1202.63
1803.70
2404.93
3006.00
–19
1197.59
1796.13
2394.84
2993.38
–18
1192.55
1788.57
2384.74
2980.77
–17
1187.51
1781.00
2374.65
2968.14
–16
1182.46
1773.42
2364.54
2955.51
–15
1177.42
1765.85
2354.44
2942.87
–14
1172.37
1758.26
2344.32
2930.23
–13
1167.31
1750.68
2334.20
2917.58
–12
1162.26
1743.09
2324.08
2904.93
–11
1157.20
1735.50
2313.95
2892.26
–10
1152.14
1727.90
2303.82
2879.60
–9
1147.07
1720.30
2293.68
2866.92
–8
1142.01
1712.69
2283.54
2854.24
–7
1136.94
1705.09
2273.39
2841.55
–6
1131.87
1697.47
2263.24
2828.86
–5
1126.79
1689.86
2253.08
2816.16
–4
1121.72
1682.24
2242.91
2803.45
–3
1116.64
1674.61
2232.74
2790.74
–2
1111.56
1666.99
2222.57
2778.02
–1
1106.47
1659.35
2212.39
2765.30
0
1101.39
1651.72
2202.21
2752.57
1
1096.30
1644.08
2192.02
2739.83
2
1091.20
1636.44
2181.82
2727.08
3
1086.11
1628.79
2171.62
2714.33
4
1081.01
1621.14
2161.42
2701.58
5
1075.91
1613.48
2151.21
2688.82
6
1070.81
1605.83
2141.00
2676.05
7
1065.71
1598.16
2130.78
2663.27
8
1060.60
1590.50
2120.55
2650.49
9
1055.49
1582.83
2110.32
2637.70
10
1050.38
1575.15
2100.09
2624.91
11
1045.26
1567.48
2089.85
2612.10
14
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com