Electronic Components Datasheet Search
  English  ▼

X  

LM57 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM57
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM57 Datasheet HTML 9Page - Texas Instruments LM57 Datasheet HTML 10Page - Texas Instruments LM57 Datasheet HTML 11Page - Texas Instruments LM57 Datasheet HTML 12Page - Texas Instruments LM57 Datasheet HTML 13Page - Texas Instruments LM57 Datasheet HTML 14Page - Texas Instruments LM57 Datasheet HTML 15Page - Texas Instruments LM57 Datasheet HTML 16Page - Texas Instruments LM57 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
0
500
1,000
1,500
2,000
2,500
3,000
3,500
-50
-25
0
25
50
75
100
125
150
TEMPERTURE (
SC)
J2 (-5.166mV/°C)
J3 (-7.752mV/°C)
J4 (-10.339mV/°C)
J5 (-12.924mV/°C)
C101
LM57
www.ti.com
SNIS152E – MAY 2009 – REVISED JULY 2015
8.3 Feature Description
8.3.1
LM57 VTEMP Temperature-to-Voltage Transfer Function
The value of the RSENSE resistors select a trip point and a corresponding VTEMP gain (J2, J3, J4, or J5).The trip
point range associated with a given gain is shown in bold green in Table 1. The VTEMP gain is selected by the
RSENSE resistors. VTEMP is valid over the entire temperature range. The VTEMP gain is selected by the RSENSE
resistors. VTEMP is valid over the entire temperature range.
Figure 12. Temperature Transfer Characteristics
Table 1. LM57 VTEMP Temperature to Voltage
(1)
VTEMP VOLTAGE (mV)
Temperature (°C)
J2 (-5.166 mV/°C)
J3 (–7.752 mV/°C)
J4 (–10.339 mV/°C)
J5 (–12.924 mV/°C)
–50
1352.56
2028.80
2705.20
3381.40
–49
1347.60
2021.35
2695.26
3368.98
–48
1342.64
2013.90
2685.32
3356.55
–47
1337.67
2006.44
2675.38
3344.12
–46
1332.70
1998.98
2665.43
3331.68
–45
1327.73
1991.52
2655.47
3319.23
–44
1322.76
1984.05
2645.51
3306.78
–43
1317.78
1976.58
2635.54
3294.32
–42
1312.81
1969.11
2625.57
3281.85
–41
1307.82
1961.63
2615.60
3269.38
–40
1302.84
1954.15
2605.62
3256.90
–39
1297.86
1946.66
2595.63
3244.41
–38
1292.87
1939.17
2585.64
3231.92
–37
1287.88
1931.68
2575.64
3219.42
–36
1282.88
1924.18
2565.64
3206.92
–35
1277.89
1916.68
2555.63
3194.41
–34
1272.89
1909.17
2545.62
3181.89
(1)
The RSENSE resistors select a trip point and a corresponding VTEMP gain (J2, J3, J4, or J5). The trip point range associated with a given
gain is shown in bold green on this table. VTEMP is valid over the entire temperature range.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com