Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM64
Description  Remote Diode Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM64 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM64 Datasheet HTML 18Page - Texas Instruments LM64 Datasheet HTML 19Page - Texas Instruments LM64 Datasheet HTML 20Page - Texas Instruments LM64 Datasheet HTML 21Page - Texas Instruments LM64 Datasheet HTML 22Page - Texas Instruments LM64 Datasheet HTML 23Page - Texas Instruments LM64 Datasheet HTML 24Page - Texas Instruments LM64 Datasheet HTML 25Page - Texas Instruments LM64 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LM64
SNAS207A – MAY 2004 – REVISED MARCH 2013
www.ti.com
LM64 REGISTER DESCRIPTIONS IN FUNCTIONAL ORDER
Fan Control Registers
Address
Read/
Bit
POR
Name
Description
Hex
Write
s
Value
4AHEX PWM AND RPM REGISTER
7:6
00
These bits are unused and always set to 0.
0: the PWM Value (register 4C) and the Lookup Table (50–5F) are read-only. The
PWM value (0 to 100%) is determined by the current remote diode temperature and
PWM
the Lookup Table, and can be read from the PWM value register.
Program
5
1
1: the PWM value (register 4C) and the Lookup Table (Register 50–5F) are
read/write enabled. Writing the PWM Value register will set the PWM output. This is
also the state during which the Lookup Table can be written.
PWM
0: the PWM output pin will be 0 V for fan OFF and open for fan ON.
4
0
Output
1: the PWM output pin will be open for fan OFF and 0 V for fan ON.
Polarity
PWM Clock
if 0, the master PWM clock is 360 kHz
4A
R/W
3
0
Select
if 1, the master PWM clock is 1.4 kHz.
2
0
[Reserved]
Always write 0 to this bit.
00: Traditional tach input monitor, false readings when under minimum detectable
RPM.
01: Traditional tach input monitor, FFFF reading when under minimum detectable
RPM.
Tachometer
1:0
00
10: Most accurate readings, FFFF reading when under minimum detectable RPM.
Mode
11: Least effort on programmed PWM of fan, FFFF reading when under minimum
detectable RPM.
Note: If the PWM Clock is 360 kHz, mode 00 is used regardless of the setting of
these two bits.
4BHEX FAN SPIN-UP CONFIGURATION REGISTER
7:6
0
These bits are unused and always set to 0
If 0, the fan spin-up uses the duty cycle and spin-up time, bits 0–4.
If 1, the LM64 sets the PWM output to 100% until the spin-up times out (per bits 0–2)
Fast
or the minimum desired RPM has been reached (per the Tachometer Setpoint
Tachometer
5
1
setting) using the tachometer input, whichever happens first. This bit overrides the
Spin-Up
PWM Spin-Up Duty Cycle register (bits 4:3)—PWM output is always 100%.
If PWM Spin-Up Time (bits 2:0) = 000, the Spin-Up cycle is bypassed, regardless of
the state of this bit.
00: Spin-Up cycle bypassed (no Spin-Up), unless Fast Tachometer Terminated Spin-
PWM
Up (bit 5) is set.
4B
R/W
4:3
11
Spin-Up
01: 50%
Duty Cycle
10: 75%–81% Depends on PWM Frequency. See Applications Notes.
11: 100%
000: Spin-Up cycle bypassed (No Spin-Up)
001: 0.05 seconds
010: 0.1 s
PWM
011: 0.2 s
2:0
111
Spin-Up
100: 0.4 s
Time
101: 0.8 s
110: 1.6 s
111: 3.2 s
4DHEX FAN PWM FREQUENCY REGISTER
7:5
000
These bits are unused and always set to 0
PWM
The PWM Frequency = PWM_Clock / 2n, where PWM_Clock = 360 kHz or 1.4 kHz
4D
R/W
Frequency
4:0
10111
(per the PWM Clock Select bit in Register 4A), and n = value of the register. Note: n
= 0 is mapped to n = 1. See the Applications Notes at the end of this datasheet.
22
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com