Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM64
Description  Remote Diode Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM64 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM64 Datasheet HTML 28Page - Texas Instruments LM64 Datasheet HTML 29Page - Texas Instruments LM64 Datasheet HTML 30Page - Texas Instruments LM64 Datasheet HTML 31Page - Texas Instruments LM64 Datasheet HTML 32Page - Texas Instruments LM64 Datasheet HTML 33Page - Texas Instruments LM64 Datasheet HTML 34Page - Texas Instruments LM64 Datasheet HTML 35Page - Texas Instruments LM64 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LM64
SNAS207A – MAY 2004 – REVISED MARCH 2013
www.ti.com
error can be compensated by using the Remote Temperature Offset Registers, since the value placed in
these registers will automatically be subtracted from or added to the remote temperature reading.
3. Diode traces should be surrounded by a GND guard ring to either side, above and below if possible. This
GND guard should not be between the D+ and D
− lines. In the event that noise does couple to the diode
lines it would be ideal if it is coupled common mode. That is equally to the D+ and D
− lines.
4. Avoid routing diode traces in close proximity to power supply switching or filtering inductors.
5. Avoid running diode traces close to or parallel to high speed digital and bus lines. Diode traces should be
kept at least 2 cm apart from the high speed digital traces.
6. If it is necessary to cross high speed digital traces, the diode traces and the high speed digital traces should
cross at a 90 degree angle.
7. The ideal place to connect the LM64's GND pin is as close as possible to the Processor's GND associated
with the sense diode.
8. Leakage current between D+ and GND should be kept to a minimum. One nano-ampere of leakage can
cause as much as 1°C of error in the diode temperature reading. Keeping the printed circuit board as clean
as possible will minimize leakage current.
Noise coupling into the digital lines greater than 400 mVp-p (typical hysteresis) and undershoot less than 500 mV
below GND, may prevent successful SMBus communication with the LM64. SMBus no acknowledge is the most
common symptom, causing unnecessary traffic on the bus. Although the SMBus maximum frequency of
communication is rather low (100 kHz max), care still needs to be taken to ensure proper termination within a
system with multiple parts on the bus and long printed circuit board traces. An RC lowpass filter with a 3 dB
corner frequency of about 40 MHz is included on the LM64's SMBCLK input. Additional resistance can be added
in series with the SMBData and SMBCLK lines to further help filter noise and ringing. Minimize noise coupling by
keeping digital traces out of switching power supply areas as well as ensuring that digital lines containing high
speed data communications cross at right angles to the SMBData and SMBCLK lines.
32
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com