Electronic Components Datasheet Search
  English  ▼

X  

LM723 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM723
Description  Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM723 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM723 Datasheet HTML 4Page - Texas Instruments LM723 Datasheet HTML 5Page - Texas Instruments LM723 Datasheet HTML 6Page - Texas Instruments LM723 Datasheet HTML 7Page - Texas Instruments LM723 Datasheet HTML 8Page - Texas Instruments LM723 Datasheet HTML 9Page - Texas Instruments LM723 Datasheet HTML 10Page - Texas Instruments LM723 Datasheet HTML 11Page - Texas Instruments LM723 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LM723, LM723C
SNVS765C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Table 1. Resistor Values (k
Ω) for Standard Output Voltage
Output
5% Output
Fixed
Fixed
Positive
Negative
Applicable Figures
Adjustable
Adjustable
Applicable
Output ±5%
Output ±5%
Output
Output
±10%(1)
±10%
Figures
Voltage
Voltage
See(2)
R1
R2
R1
P1
R2
R1
R2
R1
P1
R2
Figure 4, Figure 19,
+3.0
Figure 21, Figure 24,
4.12
3.01
1.8
0.5
1.2
+100
Figure 22
3.57
102
2.2
10
91
Figure 27 (Figure 19)
Figure 4, Figure 19,
+3.6
Figure 21, Figure 24,
3.57
3.65
1.5
0.5
1.5
+250
Figure 22
3.57
255
2.2
10
240
Figure 27 (Figure 19)
Figure 4, Figure 19,
Figure 18,
+5.0
Figure 21, Figure 24,
2.15
4.99
0.75
0.5
2.2
−6(3)
3.57
2.43
1.2
0.5
0.75
(Figure 25)
Figure 27 (Figure 19)
Figure 4, Figure 19,
Figure 18,
+6.0
Figure 21, Figure 24,
1.15
6.04
0.5
0.5
2.7
−9
3.48
5.36
1.2
0.5
2.0
Figure 25
Figure 27 (Figure 19)
Figure 17, Figure 19,
Figure 18,
+9.0
(Figure 19, Figure 21,
1.87
7.15
0.75
1.0
2.7
−12
3.57
8.45
1.2
0.5
3.3
Figure 25
Figure 24, Figure 27)
Figure 17, Figure 19,
Figure 18,
+12
(Figure 19, Figure 21,
4.87
7.15
2.0
1.0
3.0
−15
3.65
11.5
1.2
0.5
4.3
Figure 25
Figure 24, Figure 27)
Figure 17, Figure 19,
Figure 18,
+15
(Figure 19, Figure 21,
7.87
7.15
3.3
1.0
3.0
−28
3.57
24.3
1.2
0.5
10
Figure 25
Figure 24, Figure 27)
Figure 17, Figure 19,
+28
(Figure 19, Figure 21,
21.0
7.15
5.6
1.0
2.0
−45
Figure 23
3.57
41.2
2.2
10
33
Figure 24, Figure 27)
+45
Figure 22
3.57
48.7
2.2
10
39
−100
Figure 23
3.57
97.6
2.2
10
91
+75
Figure 22
3.57
78.7
2.2
10
68
−250
Figure 23
3.57
249
2.2
10
240
(1)
Replace R1/R2 in figures with divider shown in Figure 28.
(2)
Figures in parentheses may be used if R1/R2 divider is placed on opposite input of error amp.
(3)
V+ and VCC must be connected to a +3V or greater supply.
Table 2. Formulae for Intermediate Output Voltages
Outputs from +2 to +7 volts
Outputs from +4 to +250 volts
Current Limiting
(Figure 4 Figure 19 Figure 20
(Figure 22)
Figure 21 Figure 24 Figure 27
Outputs from +7 to +37 volts
Outputs from
−6 to −250 volts
Foldback Current Limiting
(Figure 17 Figure 19 Figure 20
(Figure 18 Figure 23 Figure 25)
Figure 21 Figure 24 Figure 27)
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM723 LM723C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com