Electronic Components Datasheet Search
  English  ▼

X  

LM723 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM723
Description  Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM723 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM723 Datasheet HTML 9Page - Texas Instruments LM723 Datasheet HTML 10Page - Texas Instruments LM723 Datasheet HTML 11Page - Texas Instruments LM723 Datasheet HTML 12Page - Texas Instruments LM723 Datasheet HTML 13Page - Texas Instruments LM723 Datasheet HTML 14Page - Texas Instruments LM723 Datasheet HTML 15Page - Texas Instruments LM723 Datasheet HTML 16Page - Texas Instruments LM723 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LM723, LM723C
www.ti.com
SNVS765C – JUNE 1999 – REVISED APRIL 2013
Typical Performance
Regulated Output Voltage
−15V
Line Regulation (
ΔVIN = 20V)
8 mV
Load Regulation (
ΔIL = 2A)
6 mV
Figure 25. Negative Switching Regulator
Note: Current limit transistor may be used for shutdown if current limiting is not required.
Typical Performance
Regulated Output Voltage
+5V
Line Regulation (
ΔVIN = 3V)
0.5 mV
Load Regulation (
ΔIL = 50 mA)
1.5 mV
Figure 26. Remote Shutdown Regulator with Current Limiting
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM723 LM723C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com