Electronic Components Datasheet Search
  English  ▼

X  

LM723 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM723
Description  Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM723 Datasheet(HTML) 1 Page - Texas Instruments

  LM723 Datasheet HTML 1Page - Texas Instruments LM723 Datasheet HTML 2Page - Texas Instruments LM723 Datasheet HTML 3Page - Texas Instruments LM723 Datasheet HTML 4Page - Texas Instruments LM723 Datasheet HTML 5Page - Texas Instruments LM723 Datasheet HTML 6Page - Texas Instruments LM723 Datasheet HTML 7Page - Texas Instruments LM723 Datasheet HTML 8Page - Texas Instruments LM723 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM723, LM723C
www.ti.com
SNVS765C – JUNE 1999 – REVISED APRIL 2013
LM723/LM723C Voltage Regulator
Check for Samples: LM723, LM723C
1
FEATURES
DESCRIPTION
The LM723/LM723C is a voltage regulator designed
2
•
150 mA Output Current Without External Pass
primarily for series regulator applications. By itself, it
Transistor
will supply output currents up to 150 mA; but external
•
Output Currents in Excess of 10A Possible by
transistors can be added to provide any desired load
Adding External Transistors
current. The circuit features extremely low standby
current drain, and provision is made for either linear
•
Input Voltage 40V Max
or foldback current limiting.
•
Output Voltage Adjustable from 2V to 37V
The LM723/LM723C is also useful in a wide range of
•
Can be Used as Either a Linear or a Switching
other applications such as a shunt regulator, a
Regulator
current regulator or a temperature controller.
The LM723C is identical to the LM723 except that the
LM723C has its performance ensured over a 0°C to
+70°C temperature range, instead of
−55°C to
+125°C.
Connection Diagram
Note: Pin 5 connected to case.
Figure 1. Top View
Figure 2. Top View
CDIP Package or PDIP Package
TO-100
See Package J or NFF0014A
See Package LME
Figure 3. Top View
See Package NAJ0020A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM723

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM723 NSC-LM723 Datasheet
470Kb / 14P
Voltage Regulator
logo
STMicroelectronics
LM723 STMICROELECTRONICS-LM723 Datasheet
1Mb / 15P
HIGH PRECISION VOLTAGE REGULATOR
Sep-2003
LM723 STMICROELECTRONICS-LM723 Datasheet
1Mb / 21P
High precision voltage regulator
22-Nov-2007
logo
Texas Instruments
LM723 TI1-LM723 Datasheet
953Kb / 18P
Voltage Regulator
LM723 TI1-LM723 Datasheet
992Kb / 23P
Voltage Regulator
More results

Similar Description - LM723

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com