Electronic Components Datasheet Search
  English  ▼

X  

37C669 Datasheet(PDF) 1 Page - SMSC Corporation

Part # 37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

37C669 Datasheet(HTML) 1 Page - SMSC Corporation

  37C669 Datasheet HTML 1Page - SMSC Corporation 37C669 Datasheet HTML 2Page - SMSC Corporation 37C669 Datasheet HTML 3Page - SMSC Corporation 37C669 Datasheet HTML 4Page - SMSC Corporation 37C669 Datasheet HTML 5Page - SMSC Corporation 37C669 Datasheet HTML 6Page - SMSC Corporation 37C669 Datasheet HTML 7Page - SMSC Corporation 37C669 Datasheet HTML 8Page - SMSC Corporation 37C669 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 164 page
background image
FDC37C669
PC 98/99 Compliant Super I/O Floppy
Disk Controller with Infrared Support
FEATURES
• 5 Volt Operation
• Intelligent Auto Power Management
• 16 Bit Address Qualification (Optional)
• 2.88MB Super I/O Floppy Disk Controller
-
Licensed CMOS 765B Floppy Disk
Controller
-
Software and Register Compatible with
SMSC's Proprietary 82077AA Compatible
Core
-
Supports Two Floppy Drives Directly
-
Supports Vertical Recording Format
-
16 Byte Data FIFO
-
100% IBM Compatibility
-
Detects All Overrun and Underrun
Conditions
-
Sophisticated Power Control Circuitry
(PCC) Including Multiple Powerdown
Modes for Reduced Power Consumption
-
DMA Enable Logic
-
Data Rate and Drive Control Registers
-
Swap Drives A and B
-
Non-Burst Mode DMA option
-
48 Base I/O Address, Seven IRQ and
Three DMA Options
• Floppy Disk Available on Parallel Port Pins
• Enhanced Digital Data Separator
-
2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps,
250 Kbps Data Rates
-
Programmable Precompensation Modes
• Serial Ports
-
Two High Speed NS16C550 Compatible
UARTs with Send/Receive 16 Byte FIFOs
-
Supports 230k and 460k Baud
-
Programmable Baud Rate Generator
-
Modem Control Circuitry
-
Infrared - IrDA (HPSIR) and Amplitude
Shift Keyed IR (ASKIR)
-
Alternate IR Pins (Optional)
-
96 Base I/O Address and Eight IRQ
Options
• Multi-Mode Parallel Port with ChiProtect
-
Standard Mode
-
IBM PC/XT, PC/AT, and PS/2 Compatible
Bidirectional Parallel Port
-
Enhanced Parallel Port (EPP) Compatible
-
EPP 1.7 and EPP 1.9 (IEEE 1284
Compliant)
-
Enhanced Capabilities Port (ECP)
Compatible (IEEE 1284 Compliant)
-
Incorporates ChiProtect Circuitry for
Protection Against Damage Due to Printer
Power-On
-
192 Base I/O Address, Seven IRQ and
Three DMA Options
• ISA Host Interface
• IDE Interface (Optional)
-
On-Chip Decode and Select Logic
Compatible with IBM PC/XT and PC/AT
Embedded Hard Disk Drives
-
48 Base I/O Address and Seven IRQ
Options
• Game Port Select Logic
-
48 Base I/O Addresses
• General Purpose Address Decoder
-
16 Byte Block decode
-
48 Base I/O Address Options
• 100 Pin QFP and TQFP Package


Similar Part No. - 37C669

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
ENHANCED SUPER I/O CONTROLLER WITH FAST IR
37C67X SMSC-37C67X Datasheet
546Kb / 194P
ENHANCED SUPER I/O CONTROLLER WITH FAST IR
More results

Similar Description - 37C669

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
37M602 SMSC-37M602 Datasheet
650Kb / 182P
ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
3.3V Super I/O Controller with Infrared Support for Portable Applications
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com